Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952011YFT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS952011YFT
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011YFT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS952011YFT Datasheet HTML 1Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 2Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 3Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 4Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 5Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 6Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 7Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 8Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Pin Description
PIN
PIN
PIN
#
NAME
TYPE
1
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
2
**FS0/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
3
**FS1/REF1
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
4
**FS2/REF2
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
5
GNDREF
PWR
Ground pin for the REF outputs.
6
X1
IN
Crystal input, Nominally 14.318MHz.
7
X2
OUT
Crystal output, Nominally 14.318MHz
8
GNDZ
PWR
Ground pin for the ZCLK outputs
9
ZCLK0
OUT
3.3V Hyperzip clock output.
10
ZCLK1
OUT
3.3V Hyperzip clock output.
11
VDDZ
PWR
Power supply for ZCLK clocks, nominal 3.3V
12
*(PCI_STOP#)PCICLK6
I/O
Stops all PCICLKs besides the PCICLK_F clocks at logic 0 level, when input low. This
input is activated by the MODE selection pin / PCI clock output.
13
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
14
**FS3/PCICLK_F0
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
15
**FS4/PCICLK_F1
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
16
*MODE0/PCICLK0
I/O
Function select latch input pin, 1=Desktop Mode, 0=Mobile Mode / PCI clock output.
17
PCICLK1
OUT
PCI clock output.
18
GNDPCI
PWR
Ground pin for the PCI outputs
19
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
20
PCICLK2
OUT
PCI clock output.
21
PCICLK3
OUT
PCI clock output.
22
PCICLK4
OUT
PCI clock output.
23
PCICLK5
OUT
PCI clock output.
24
GNDPCI
PWR
Ground pin for the PCI outputs
25
GND48
PWR
Ground pin for the 48MHz outputs
26
24_48MHz/SEL24_48#*~
I/O
24MHz/48MHz clock output / Latched select input for 24/48MHz output. 0=48MHz, 1 =
24MHz.
27
12_48MHz/SEL12_48#**
I/O
12MHz/48MHz clock output / Latched select input for 24/48MHz output. 0=48MHz, 1 =
12MHz.
28
VDD48
PWR
Power pin for the 48MHz output.3.3V
29
VDDAGP
PWR
Power supply for AGP clocks, nominal 3.3V
30
AGPCLK1
OUT
AGP clock output
31
AGPCLK0
OUT
AGP clock output
32
GNDAGP
PWR
Ground pin for the AGP outputs
33
Vtt_PwrGd/PD#(CPUSTOP
#)*
I/O
This 3.3V LVTTL input is a level sensitive strobe used to determine when latch inputs
are valid and are ready to be sampled. This is an active high input. Active low Power
Down input or active low CPU_STOP depend on B24b3 IIC selection. Default is PD#.
34
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
35
SCLK
IN
Clock pin of I2C circuitry 5V tolerant
36
VDDA
PWR
3.3V power for the PLL core.
37
GND
PWR
Ground pin.
38
IREF
OUT
This pin establishes the reference current for the differential current-mode output pairs.
This pin requires a fixed precision resistor tied to ground in order to establish the
appropriate current. 475 ohms is the standard value.
39
CPUCLKC0
OUT
"Complimentary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
40
CPUCLKT0
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
41
GNDCPU
PWR
Ground pin for the CPU outputs
42
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
43
CPUCLKC1
OUT
"Complimentary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
44
CPUCLKT1
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
45
CPU_STOP#(PD#)*
IN
Active low CPU_STOP or Active low Power Down input depend on B24b3 IIC selection.
Default is CPU_STOP#.
46
GND
PWR
Ground pin.
47
SDRAM_OUT
OUT
SDRAM seed clock output for external buffer
48
VDDSDR
PWR
Supply for SDRAM clocks, nominal 3.3V.
* Internal Pull-Up Resistor ** Internal Pull-Down Resistor
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com