Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014531A Datasheet(PDF) 16 Page - Xmos Ltd.

Part # XM014531A
Description  XK-EVK-XU316 xcore.ai Evaluation Kit Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014531A Datasheet(HTML) 16 Page - Xmos Ltd.

Back Button XM014531A Datasheet HTML 12Page - Xmos Ltd. XM014531A Datasheet HTML 13Page - Xmos Ltd. XM014531A Datasheet HTML 14Page - Xmos Ltd. XM014531A Datasheet HTML 15Page - Xmos Ltd. XM014531A Datasheet HTML 16Page - Xmos Ltd. XM014531A Datasheet HTML 17Page - Xmos Ltd. XM014531A Datasheet HTML 18Page - Xmos Ltd. XM014531A Datasheet HTML 19Page - Xmos Ltd. XM014531A Datasheet HTML 20Page - Xmos Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
XK-EVK-XU316 xcore.ai Evaluation Kit Manual
8
Part Numbers and Board Markings
Part number
Board marking
XK-EVK-XU316
JGB0070 1V1
9
Revision History
Date
Release
Comment
2020-07-31
1.0
First release
Appendix A
Board Schematics
The schematics are shown in Figure 12 .. Figure 17.
Project Name
Build
Sheet Name
Rev
Sheet
Date
07/07/2020
1V1
1
6
TopLevel.SchDoc
xcore.ai Explorer
A
of
FM1
FIDUCIAL
FM2
FIDUCIAL
FM3
FIDUCIAL
2
1
J5
68001-202HLF
GND
FM4
FIDUCIAL
FM5
FIDUCIAL
FM6
FIDUCIAL
1B
2B
3B
4B
5B
6B
7B
8B
9B
10B
11B
12B
13B
14B
15B
1A
2A
3A
4A
5A
6A
7A
8A
9A
10A
11A
12A
13A
14A
15A
J1
1-1734248-5
GND
MIPI_D0_N
MIPI_D0_P
MIPI_D1_N
MIPI_D1_P
MIPI_CK_N
MIPI_CK_P
MIPI_D0_N
MIPI_D0_P
MIPI_D1_N
MIPI_D1_P
MIPI_CK_N
MIPI_CK_P
SDA_3V3
SCL_3V3
3V3
CAM_GPIO0
1
3
24M
X1
FA-238
C77
22P
C76
22P
GND
GND
GND
XIN
XOUT
R26
0R
R27
0R
R29
680R
R28
1M
GND
GND
DP
3
VBUS
1
DM
2
S1
S1
GND
5
S2
S2
ID
4
S3
S3
S4
S4
S5
S5
S6
S6
J3
10118193
USB_D_N
USB_D_P
GND
USB_D_P
USB_D_N
C3
100N
GND
1
2
3
4
6
5
D1
PUSB2X4Y
USB_VBUS
USB_VBUS
2A
FB1
120R
C4
100N
GND
5V
USB CONNECTOR
USB_D_N
USB_D_P
10
8
6
4
2
9
7
5
3
15
13
11
12
14
16
1
17
19
18
20
J2
20021521-00020T4LF
GND
XL_UP1
XL_UP0
XL_DN0
XL_DN1
TMS
TCK
RST_N
DEBUG_N
TDO
TMS
TCK
TDI
TDO
TDI
RST_N
DEBUG_N
GND
3V3
RUN LED
GREEN
D2
R9
470R
1A
2A
1B
2B
SW1
KSC421J
GND
GND
RST_N
R12
10K
1V8
1V8
C2
100N
C1
100N
GND
GND
1
G
S
D Q1
FDV301N
GND
R7
0R
R6
0R
NF
R5
0R
NF
R8
0R
NF
GND
C5
100N
GND
VCC
4
OUT
3
EN
1
GND
2
24M
Y1
SG-210STF
NF
1V8
1V8
R1
10K
R14
0R
NF
RESET
RST_N
R10
33R
NF
X1D16
X1D17
X1D18
X1D19
X_I2C_SCL
X_I2C_SDA
VBUS_DET
U_IO
IO.SchDoc
XL_UP1
XL_UP0
XL_DN0
XL_DN1
VDDIOR
PGOOD
U_PSU
PSU.SchDoc
3
4
Q2A
DMG1024UV
6
1
Q2B
DMG1024UV
3V3
SDA_3V3
SCL_3V3
VDDIOR
VDDIOR
X_I2C_SCL
X_I2C_SDA
X_I2C_SCL
X_I2C_SDA
TP13
TP14
TP15
GND
3V3
I2C ADDRESSES
SONY IMX219- 7ab0010000=0x10
VDDIOR CAN BE 1V8OR 3V3
VDDIOL MUST BE <=VDDIOR
CAM_GPIO0NORMALLY ENABLE FOR CAMERA
1V8
U_Power
Power.SchDoc
R47
33R
MIPI LANE
USAGE
0
1
2
DATA0
DATA1
CLK
XCORE.AI
POLARITY
Y ES
Y ES
Y ES
SWAP
LANE
2
1
J19
68001-202HLF
2
1
J18
68001-202HLF
VDDIOR
C35
100N
GND
C36
100N
3V3
C27
100N
GND
R84
0R
NF
R83
0R
NF
RST_N
C7
100N
R11
1K
TP39
TP38
TP40
TP41
R2
0R1
TP44
TP45
R13
100K
R3
220K
GND
R4
47K
GND
USB_VBUS
TP47
TP48
TP49
TP50
TP51
DEBUG_N
R6
LV_L_N
P5
LV_R_N
R10
LV_T_N
P6
POR_DISABLE
T2
RST_N
R4
TCK
U7
TDI
U4
TDO
T4
NC
P4
NC
T11
TMS
T7
TRST_N
R5
XIN
U2
XOUT
U1
U1B
XU316-1024-FB265
MIPI_DN0
R1
MIPI_DN1
P1
MIPI_DN2
N1
MIPI_DP0
R2
MIPI_DP1
P2
MIPI_DP2
N2
U1F
XU316-1024-FB265
USB_DM
U13
USB_DP
U14
USB_ID
T13
U1E
XU316-1024-FB265
Figure 12:
xcore.ai
evaluation kit
system
schematic
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com