Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014531A Datasheet(PDF) 18 Page - Xmos Ltd.

Part # XM014531A
Description  XK-EVK-XU316 xcore.ai Evaluation Kit Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014531A Datasheet(HTML) 18 Page - Xmos Ltd.

Back Button XM014531A Datasheet HTML 12Page - Xmos Ltd. XM014531A Datasheet HTML 13Page - Xmos Ltd. XM014531A Datasheet HTML 14Page - Xmos Ltd. XM014531A Datasheet HTML 15Page - Xmos Ltd. XM014531A Datasheet HTML 16Page - Xmos Ltd. XM014531A Datasheet HTML 17Page - Xmos Ltd. XM014531A Datasheet HTML 18Page - Xmos Ltd. XM014531A Datasheet HTML 19Page - Xmos Ltd. XM014531A Datasheet HTML 20Page - Xmos Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
XK-EVK-XU316 xcore.ai Evaluation Kit Manual
Project Name
Build
Sheet Name
Rev
Sheet
Date
07/07/2020
1V1
4
6
WiFi.SchDoc
xcore.ai Explorer
A
of
GND
3V3_PA 1V8
VDDIOR
R42
0R
GND
R43
51R
GND
GND
1
2G4ANT_IN
2
RF_1
3
GND
4
GND
5
GND
6
GND
7
GND
8
RF_2
9
VDD_PA
10
GND
11
RESET_N
12
GPIO/WUP
13
GPIO/PTA_TX_CONF
14
GPIO/PTA_RF_ACT
15
GPIO/PTA_STATUS
16
GPIO/PTA_FREQ
17
LP_CLK
18
GPIO/WIRQ
19
VDD
20
GND
21
SDIO_CLK/SPI_CLK
22
SDIO_CMD/SPI_MOSI
23
SDIO_DAT0/SPI_MISO
24
SDIO_DAT1/SPI_WIRQ
25
SDIO_DAT2/HIF_SEL
26
SDIO_DAT3/SPI_CS_N
27
VDD_IO
28
GPIO
29
GPIO
30
GPIO
31
GPIO
32
GND
33
GPIO
34
GND
35
GND
36
GPIO
37
GPIO
38
RESERVE_1
39
RESERVE_2
40
GND
41
GND
42
GND
43
GND
44
GND
45
GND
46
ANT_LOOP
47
GND
48
GND
49
GND
50
GND
51
GND
52
GND
53
GND
54
GND
55
GND
56
GND
57
GND
58
MOD1
WFM200SA
WUP
SPI_CLK
SPI_MOSI
SPI_MISO
WIRQ
SPI_CS_N
RST_N
GND
VDDIOR
WIFI_WUP
WIFI_CLK
WIFI_MOSI
WIFI_MISO
WIFI_WIRQ
WIFI_CS_N
WIFI_RST_N
WIFI_GPIO0
WIFI_GPIO1
WIFI_GPIO2
WIFI_GPIO3
WIFI_WUP
WIFI_CLK
WIFI_MOSI
WIFI_MISO
WIFI_WIRQ
WIFI_CS_N
WIFI_RST_N
WIFI_GPIO0
WIFI_GPIO1
WIFI_GPIO2
WIFI_GPIO3
GND
3V3_PA
0.5A
FB5
470R
C97
10U
C98
100N
GND
GND
C96
100N
GND
3V3
C95
100N
GND
C94
100N
GND
C71
0P9
1
J17
U.FL
GND
GND
10
8
6
4
2
9
7
5
3
15
13
11
12
14
16
1
J6
67997-116HLF
NF
RF_IN
RFL_1
RFL_2
CLK_OUT
2
GND
4
VDD
3
GND
1
32K768
Y2
SiT1532
GND
32K768
32K768
VDDIOR
NF
GND
R44
4K7
Figure 15:
xcore.ai
evaluation kit
WiFi
schematic
Project Name
Build
Sheet Name
Rev
Sheet
Date
07/07/2020
1V1
5
6
CODEC.SchDoc
xcore.ai Explorer
A
of
GND
1
2
3
J9
SJ-3523-SMT
GND
R56
10K
R55
10K
GND
GND
C78
47U
C80
47U
GND
VDDIOL
3V3A
3V3A
3V3
C91
100N
GND
VDDIOL
SPI_SELECT = 0 => I2C MODE
LDO_SELECT = 1 => USE INTERNAL LDO
MCLK
LRCK
BCLK
DIN
DOUT
RESET_N
R59
10K
GND
LINE IN
AGND
AGND
CODEC MAX INPUT IS 0.5Vrms
AGND
GND
C93
1N
R60
47R
LINE IN IS 2Vrms
SO NEED INPUT GAIN OF 0.25V/V
R51
5K6
R52
5K6
SO INPUT GAIN = 1.8/(1.8+5.6) = 0.243V/V
C72
1U
C73
1U
RIN_N
RIN_P
LIN_P
LIN_N
C82
100N
C79
1U
C81
1U
AGND
INPUT SET UP AS PSEUDO DIFFERENTIAL TO REJECT GROUND LINE NOISE
0.5A
FB4
470R
GND
GND
C89
100N
GND
C83
100N
GND
C84
10U
C85
100N
C86
10U
C87
100N
C88
10U
GND
GND
GND
GND
C90
10U
C92
100N
VDDIOL
GND
LINE/HEADPHONE OUT
ISOLATED ANALOG GND FOR INPUT JACK
TP16
TP17
TP20
3
4
Q3A
DMG1024UV
6
1
Q3B
DMG1024UV
SDA_IOL
SCL_IOL
VDDIOR
VDDIOL
SCL
SDA
VDDIOL MUST BE >= VDDIOR
INCOMING I2C MUST BE ON VDDIOR BANK
IOVDD
6
SPI_SELECT
12
IN1_L
13
IN1_R
14
IN2_L
15
IN2_R
16
REF
18
MICBIAS
19
IN3_L
20
IN3_R
21
AVDD
24
LDOIN_HPVDD
26
DVDD
29
LDO_SELECT
30
GPIO_MFP5
32
MCLK
1
BCLK
2
WCLK
3
DIN_MFP1
4
DOUT_MFP2
5
IOVSS
7
SCLK_MFP3
8
SCL_SS_N
9
SDA_MOSI
10
MISO_MFP4
11
AVSS
17
LOL
22
LOR
23
HPL
25
HPR
27
DVSS
28
RESET_N
31
PAD
33
U8
TLV320AIC3204
GND
R82
33R
1
2
3
J8
SJ-3523-SMT
R86
0R
NF
R87
0R
NF
CODEC INPUT IMPEDANCE = 10K SINGLE ENDED @ 0dB GAIN
SYSTEM INPUT IMPEDANCE = (2.2K//10K) + 5.6K = 7.4K
2K2 PAD IN PARALLEL WITH 10K CODEC I/P IMPEDANCE GIVES 1.8K
Figure 16:
xcore.ai
evaluation kit
codec
schematic
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com