Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014531A Datasheet(PDF) 19 Page - Xmos Ltd.

Part # XM014531A
Description  XK-EVK-XU316 xcore.ai Evaluation Kit Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014531A Datasheet(HTML) 19 Page - Xmos Ltd.

Back Button XM014531A Datasheet HTML 12Page - Xmos Ltd. XM014531A Datasheet HTML 13Page - Xmos Ltd. XM014531A Datasheet HTML 14Page - Xmos Ltd. XM014531A Datasheet HTML 15Page - Xmos Ltd. XM014531A Datasheet HTML 16Page - Xmos Ltd. XM014531A Datasheet HTML 17Page - Xmos Ltd. XM014531A Datasheet HTML 18Page - Xmos Ltd. XM014531A Datasheet HTML 19Page - Xmos Ltd. XM014531A Datasheet HTML 20Page - Xmos Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
XK-EVK-XU316 xcore.ai Evaluation Kit Manual
Project Name
Build
Sheet Name
Rev
Sheet
Date
07/07/2020
1V1
6
6
PSU.SchDoc
xcore.ai Explorer
A
of
R40
4K7
L2
1U
AGND
3
EN
1
VIN
7
SW
6
NC
4
FB
2
PG
8
PGND
5
U6
TPS62822
C69
10U
C70
10U
R24
10K
R30
20K
GND
0V9
GND
GND
C68
470P
J7
68001-202HLF
NF
GND
5V
GND
R23
0R02
L1
1U
AGND
3
EN
1
VIN
7
SW
6
NC
4
FB
2
PG
8
PGND
5
U4
TPS62822
C63
10U
R18
10K
GND
1V8
GND
C62
470P
GND
5V
C67
4U7
GND
R32
10K
PG_1V8
VFB = 0.6V
VO = 0.6 * (1 + 10/20) = 0.900V
VFB = 0.6V
VO = 0.6 * (1 + 10/4.99) = 1.802V
R16
10K
5V
TP30
TP5
R22
10K
R33
0R
NF
PG_1V8
PGOOD
R21
4K99
GND
R25
1K
GND
C61
1U
R34
0R
1V8
5V
L3
1U
AGND
3
EN
1
VIN
7
SW
6
NC
4
FB
2
PG
8
PGND
5
U5
TPS62822
C66
10U
R39
10K
GND
3V3
GND
C65
470P
GND
5V
GND
PG_3V3
VFB = 0.6V
VO = 0.6 * (1 + 10/2.21) = 3.315V
R20
10K
5V
TP4
GND
C64
1U
R41
2K21
PG_3V3
TP10
TP9
TP8
TP12
GND
TP11
R76
0R
NF
R19
2K2
TP7
Figure 17:
xcore.ai
evaluation kit
power
schematic
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com