Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM014531A Datasheet(PDF) 17 Page - Xmos Ltd.

Part # XM014531A
Description  XK-EVK-XU316 xcore.ai Evaluation Kit Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XMOS [Xmos Ltd.]
Direct Link  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM014531A Datasheet(HTML) 17 Page - Xmos Ltd.

Back Button XM014531A Datasheet HTML 12Page - Xmos Ltd. XM014531A Datasheet HTML 13Page - Xmos Ltd. XM014531A Datasheet HTML 14Page - Xmos Ltd. XM014531A Datasheet HTML 15Page - Xmos Ltd. XM014531A Datasheet HTML 16Page - Xmos Ltd. XM014531A Datasheet HTML 17Page - Xmos Ltd. XM014531A Datasheet HTML 18Page - Xmos Ltd. XM014531A Datasheet HTML 19Page - Xmos Ltd. XM014531A Datasheet HTML 20Page - Xmos Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
XK-EVK-XU316 xcore.ai Evaluation Kit Manual
Project Name
Build
Sheet Name
Rev
Sheet
Date
07/07/2020
1V1
2
6
IO.SchDoc
xcore.ai Explorer
A
of
X0D00
QSPI_CS_N
X0D02
X0D03
QSPI_D0
X0D08
X0D09
X0D11
X0D12
X0D13
X0D14
X0D15
X0D16
X0D17
X0D18
X0D19
X0D20
X0D21
X0D22
X0D23
X0D28
X1D02
X1D03
X1D04
X1D05
X1D06
X1D07
X1D08
X1D12
X1D14
X1D15
X1D20
X1D21
X1D23
X1D36
X1D38
X1D39
X1D40
X1D41
X1D42
X1D49
X1D50
X1D51
X1D52
X1D53
X1D54
X1D55
X1D56
X1D57
X1D58
X1D61
X1D62
X1D63
X1D64
X1D65
X1D66
X1D67
X1D68
X1D69
X1D70
VDD_DDR
GND
C8
100N
C9
100N
C10
100N
C11
100N
GND
C12
100N
C13
100N
C14
100N
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
BA0
BA1
CK_P
CK_N
CKE
WE_N
CAS_N
RAS_N
CS_N
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
LDQS
LDM
UDM
UDQS
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
i
Net Class
DQ15
A2
DQ0
A8
DQ13
B2
DQ14
B3
DQ1
B7
DQ2
B8
DQ11
C2
DQ12
C3
DQ3
C7
DQ4
C8
DQ9
D2
DQ10
D3
DQ5
D7
DQ6
D8
UDQS
E2
DQ8
E3
DQ7
E7
LDQS
E8
UDM
F2
A13
F7
LDM
F8
CKE
G1
CK
G2
CK_N
G3
WE_N
G7
CAS_N
G8
RAS_N
G9
A9
H1
A11
H2
A12
H3
CS_N
H7
BA0
H8
BA1
H9
A6
J1
A7
J2
A8
J3
A10/AP
J7
A0
J8
A1
J9
A4
K2
A5
K3
A2
K7
A3
K8
NC
F3
TEST
D9
1GBIT
U2A
MT46H64M16LFBF-5 IT:B
VSS
A1
VSSQ
A3
VDDQ
A7
VDD
A9
VDDQ
B1
VSSQ
B9
VSSQ
C1
VDDQ
C9
VDDQ
D1
VSSQ
E1
VDDQ
E9
VSS
F1
VDD
F9
VSS
K1
VDD
K9
1GBIT
U2B
MT46H64M16LFBF-5 IT:B
GND
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
BA0
BA1
CK_P
CK_N
CKE
WE_N
CAS_N
RAS_N
CS_N
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
LDQS
LDM
UDM
UDQS
MIC_CLK
MIC_DATA
GND
3
3
2
2
1
1
4
4
5
5
6
6
7
7
8
8
MTG1
9
MTG2
10
MTG3
11
MTG4
12
J4
525590853
LPDDR DRAM
QSPI_D1
QSPI_D2
QSPI_D3
QSPI_CLK
GND
VDDIOL
QSPI_CS_N
QSPI_D0
QSPI_D1
QSPI_D2
QSPI_D3
QSPI_CLK
VDDIOL
QSPI FLASH
C16
100N
GND
VDDIOL
VDDIOR
X1D16
X1D17
X1D18
X1D19
MIC_CLK
MIC_DATA
R17
100R
WUP
SPI_CLK
SPI_MOSI
SPI_MISO
WIRQ
SPI_CS_N
RST_N
U_WiFi
WiFi.SchDoc
WIFI_WUP
WIFI_CLK
WIFI_MOSI
WIFI_MISO
WIFI_WIRQ
WIFI_CS_N
WIFI_RST_N
WIFI_WUP
WIFI_CLK
WIFI_MOSI
WIFI_MISO
WIFI_WIRQ
WIFI_CS_N
WIFI_RST_N
X_I2C_SCL
X_I2C_SDA
X_I2C_SCL
X_I2C_SDA
MCLK
LRCK
BCLK
DIN
DOUT
SCL
SDA
RESET_N
U_CODEC
CODEC.SchDoc
I2S_DAC_DATA
I2S_ADC_DATA
I2S_LRCK
I2S_BCLK
I2S_MCLK
CODEC_RST_N
I2S_DAC_DATA
I2S_ADC_DATA
I2S_LRCK
I2S_BCLK
I2S_MCLK
CODEC_RST_N
X_I2C_SCL
X_I2C_SDA
R61
43R
R62
43R
IO CONNECTORS
X0D11
X0D12
X0D23
X0D00
TP28
TP25
TP21
TP22
TP23
TP24
X1D12
X1D23
X1D38
X1D36
X1D39
X1D40
X1D41
X1D42
X1D49
X1D50
X1D51
X1D52
X1D53
X1D54
X1D55
X1D56
X1D57
X1D58
X1D61
X1D62
X1D63
X1D64
X1D65
X1D66
X1D67
X1D68
X1D69
X1D70
GND
GND
10
8
6
4
2
9
7
5
3
15
13
11
12
14
16
1
J13
67997-116HLF
NF
GND
GND
10
8
6
4
2
9
7
5
3
15
13
11
12
14
16
1
J15
67997-116HLF
NF
GND
GND
10
8
6
4
2
9
7
5
3
15
13
11
12
14
16
1
J14
67997-116HLF
NF
X0D13
X0D14
X0D15
X0D16
X0D17
X0D18
X0D19
X0D20
X0D21
X0D22
GND
GND
10
8
6
4
2
9
7
5
3
15
13
11
12
14
16
1
J12
67997-116HLF
NF
X0D02
X0D03
X0D08
X0D09
GND
GND
10
8
6
4
2
9
7
5
3
15
13
11
12
14
16
1
J10
67997-116HLF
NF
X1D02
X1D03
X1D04
X1D05
X1D06
X1D07
X1D08
X1D20
X1D21
VDDIOB18 IO
1V8 ONLY
VDDIOL
VDDIOR
GREEN
D6
GREEN
D5
GND
3V3
VDDIOL
GND
GREEN
D4
GREEN
D3
R63
470R
GND
R64
470R
R65
470R
R66
470R
GND
GND
GND
GND
X0D14
DIR = 0 => B to A
VCCB
16
A2
4
GND
8
DIR1
2
A1
3
VCCA
1
DIR4
7
A3
5
A4
6
OE
9
B4
11
DIR3
10
B3
12
B1
14
B2
13
DIR2
15
PAD
17
U9
74AVC4TD245
X0D15
X0D20
X0D21
1A
2A
1B
2B
SW2
KSC421J
VDDIOL
GND
X0D16
1A
2A
1B
2B
SW3
KSC421J
GND
X0D17
C99
100N
GND
1V8
VDD_DDR
VDD_DDR
R58
0R1
C100
4U7
TP31
TP32
TP33
TP34
TP35
TP36
R78
0R
R79
0R
R81
0R
R80
100R
C15
100N
GND
VDDIOL
3V3
10
8
6
4
2
9
7
5
3
1
J11
67997-210HLF
NF
GND
GND
X1D14
X1D15
X0D28
10
8
6
4
2
9
7
5
3
1
J16
67997-210HLF
NF
GND
GND
BUTTON 0
BUTTON 1
TP29
TP37
VDD_DDR
RESET_N/IO3
7
WP_N/IO2
3
VCC
8
GND
4
SI/IO0
5
SO/IO1
2
SCK
6
CS_N
1
64MBIT
U3
MX25R6435FM2IH0
VDDIOL
VDDIOL
VDDIOL
VDDIOR
1V8
VDDIOL
VDDIOL
VBUS_DET
R31
0R
NF
R85
4K7
TP46
GND
R90
0R
X0D11
X0D04
A1
X0D00
D1
X0D01
C1
X0D02
T8
X0D03
U8
X0D05
C2
X0D06
B2
X0D07
B1
X0D08
T9
X0D09
U9
X0D10
D2
X0D11
E2
X0D12
P7
X0D13
R7
X0D14
D4
X0D15
D3
X0D16
E4
X0D17
E3
X0D18
E1
X0D19
F2
X0D20
F1
X0D21
G2
X0D22
P8
X0D23
R8
X0D24
F16
X0D25
F17
X0D26
E16
X0D27
F14
X0D28
F15
X0D29
E14
X0D30
A4
X0D31
B5
X0D32
A3
X0D33
B4
X0D34
B3
X0D35
E15
X0D36
E17
X0D37
D16
X0D38
D17
X0D39
A17
X0D40
B16
X0D41
A16
X0D42
C15
X0D43
D14
X0D49
A14
X0D50
B13
X0D51
A15
X0D52
B14
X0D53
C14
X0D54
D13
X0D55
C13
X0D56
D12
X0D57
C12
X0D58
C11
X0D61
A11
X0D62
D11
X0D63
C10
X0D64
B10
X0D65
A10
X0D66
B9
X0D67
A9
X0D68
C9
X0D69
D9
X0D70
C8
U1C
XU316-1024-FB265
X1D00
L4
X1D01
L3
X1D02
H3
X1D03
H4
X1D04
J1
X1D05
J2
X1D06
K2
X1D07
K4
X1D08
K3
X1D09
K1
X1D10
L2
X1D11
L1
X1D12
T10
X1D13
R16
X1D14
R17
X1D15
P16
X1D16
P14
X1D17
P15
X1D18
N14
X1D19
N15
X1D20
P17
X1D21
N16
X1D22
N17
X1D23
U10
X1D24
D8
X1D25
C7
X1D26
D7
X1D27
C6
X1D28
D6
X1D29
C5
X1D30
D5
X1D31
A7
X1D32
A6
X1D33
B7
X1D34
A5
X1D35
B6
X1D36
G1
X1D37
H2
X1D38
F4
X1D39
F3
X1D40
G4
X1D41
G3
X1D42
H1
X1D43
B15
X1D49
M16
X1D50
M17
X1D51
L16
X1D52
M14
X1D53
M15
X1D54
L14
X1D55
L15
X1D56
L17
X1D57
K16
X1D58
K17
X1D61
J16
X1D62
J17
X1D63
H16
X1D64
H14
X1D65
H15
X1D66
G14
X1D67
G15
X1D68
H17
X1D69
G16
X1D70
G17
U1D
XU316-1024-FB265
Figure 13:
xcore.ai
evaluation kit
GPIO
schematic
Project Name
Build
Sheet Name
Rev
Sheet
Date
07/07/2020
1V1
3
6
Power.SchDoc
xcore.ai Explorer
A
of
0V9
GND
GND
VDDIOR
VDDIOL
1V8
1V8
3V3
0V9
0.3A
FB3
600R
GND
0.3A
FB2
600R
GND
0V9
0V9
GND
GND
VDDIOR
GND
VDDIOL
1V8
GND
GND
3V3
C39
1U
C40
1U
VDDIOL
3V3
1V8
VDDIOR
3V3
1V8
VDDIOT
1V8
R73
0R1
VDDIOT
GND
VDDIOT
C101
4U7
C102
100N
C103
100N
C104
100N
C105
100N
C106
100N
C18
100N
C19
100N
C20
100N
C22
100N
C23
100N
C24
100N
C25
100N
C28
100N
C29
100N
C30
100N
C31
100N
C32
100N
C33
100N
C41
100N
C17
100N
C43
100N
C44
100N
C45
100N
C46
100N
C47
100N
C48
100N
C49
100N
C50
100N
C51
100N
C52
100N
C53
100N
C54
100N
C55
100N
C56
100N
TP1
TP2
TP3
C26
4U7
C21
4U7
R35
0R1
R36
0R1
NF
R37
0R1
R38
0R1
NF
C37
1U
C42
2U2
TP52
MIPI_GND09
M2
MIPI_VDD09
N3
MIPI_VDD18
M1
OTP_VCC
P10
NC
P11
NC
R11
NC
R12
PLL_AGND
T5
PLL_AGND2
T6
PLL_AVDD
U5
PLL_AVDD2
U6
USB_GND18
T15
USB_VDD18
U15
USB_VDD33
T14
VDD
E10
VDD
E12
VDD
E6
VDD
E8
VDD
F13
VDD
F5
VDD
H13
VDD
H5
VDD
J13
VDD
J5
VDD
K13
VDD
K5
VDD
N10
VDD
N12
VDD
N6
VDD
N8
VDD
N9
VDDIOB18
N11
VDDIOB18
N7
VDDIOB18
P9
VDDIOB18
T3
VDDIOL
G5
VDDIOL
J3
VDDIOL
M5
VDDIOR
G13
VDDIOR
J15
VDDIOR
M13
VDDIOR
T17
VDDIOT
A8
VDDIOT
B12
VDDIOT
B17
VDDIOT
C4
VDDIOT
E9
VSS
A12
VSS
A13
VSS
A2
VSS
B11
VSS
B8
VSS
C16
VSS
C17
VSS
C3
VSS
D10
VSS
D15
VSS
E11
VSS
E13
VSS
E5
VSS
E7
VSS
G10
VSS
G11
VSS
G7
VSS
G8
VSS
G9
VSS
H10
VSS
H11
VSS
H7
VSS
H8
VSS
H9
VSS
J10
VSS
J11
VSS
J14
VSS
J4
VSS
J7
VSS
J8
VSS
J9
VSS
K10
VSS
K11
VSS
K14
VSS
K15
VSS
K7
VSS
K8
VSS
K9
VSS
L10
VSS
L11
VSS
L13
VSS
L5
VSS
L7
VSS
L8
VSS
L9
VSS
M3
VSS
M4
VSS
N13
VSS
N4
VSS
N5
VSS
P12
VSS
P13
VSS
P3
VSS
R13
VSS
R14
VSS
R15
VSS
R3
VSS
R9
VSS
T1
VSS
T12
VSS
T16
VSS
U11
VSS
U12
VSS
U16
VSS
U17
VSS
U3
U1A
XU316-1024-FB265
Figure 14:
xcore.ai
evaluation kit
xcore.ai
decoupling
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com