Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47L64 Datasheet(PDF) 6 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 47L64 Datasheet HTML 2Page - Microchip Technology 47L64 Datasheet HTML 3Page - Microchip Technology 47L64 Datasheet HTML 4Page - Microchip Technology 47L64 Datasheet HTML 5Page - Microchip Technology 47L64 Datasheet HTML 6Page - Microchip Technology 47L64 Datasheet HTML 7Page - Microchip Technology 47L64 Datasheet HTML 8Page - Microchip Technology 47L64 Datasheet HTML 9Page - Microchip Technology 47L64 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 6
47L64
2.0
PIN DESCRIPTION
The description of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
A1, A2 Chip Address Inputs
The A1, A2 inputs are used by the 47L64 for multiple
device operation. The levels on these inputs are
compared with the corresponding Chip Select bits in
the slave address. The chip is selected if the
comparison is true.
Up to four devices may be connected to the same bus
by using different Chip Select bit combinations. These
pins are not pulled up or down internally, so they must
be externally connected to VCC or VSS.
2.2
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open-
drain terminal, therefore, the SDA bus requires a pull-
up resistor to VCC (typical 10 k for 100 kHz, 2 kfor
400 kHz and 1 MHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.3
Serial Clock (SCL)
This input is used to synchronize the data transfer from
and to the device.
2.4
Write-Protect Input
When the WP pin is set high, then writes within the
upper 1/4 of memory will not be allowed. Attempts to
write in that protected region over the I2C bus will return
an ACK (Acknowledge) for the WRITE instruction and
address byte portions of the command, and will also
return an ACK (Acknowledge) for the data portion of
the command, despite the fact that no data will be
written. See Table 4-1. The WP pin has no effect on
random or sequential read operations. If left floating,
this pin is internally pulled low.
Name
8-Lead SOIC
8-Lead TDFN(1)
Function
VCAP
1
1
External Capacitor
A1
2
2
Chip Select Input
A2
3
3
Chip Select Input
Vss
4
4
Ground
SDA
5
5
Serial Data
SCL
6
6
Serial Clock
WP
7
7
Write Protect
Vcc
8
8
2.7V to 3.6V
Note 1: The exposed pad on the TDFN package can be connected to VSS or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com