Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47L64 Datasheet(PDF) 7 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 47L64 Datasheet HTML 3Page - Microchip Technology 47L64 Datasheet HTML 4Page - Microchip Technology 47L64 Datasheet HTML 5Page - Microchip Technology 47L64 Datasheet HTML 6Page - Microchip Technology 47L64 Datasheet HTML 7Page - Microchip Technology 47L64 Datasheet HTML 8Page - Microchip Technology 47L64 Datasheet HTML 9Page - Microchip Technology 47L64 Datasheet HTML 10Page - Microchip Technology 47L64 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 7
47L64
3.0
MEMORY ORGANIZATION
3.1
Data Array Organization
The 47L64 is internally organized as a continuous
SRAM array for both reading and writing, along with a
nonvolatile EEPROM version that is not directly
accessible to the user, but which can be refreshed or
recalled on power cycles.
3.2
STORE/RECALL OPERATIONS
In order to provide nonvolatile storage of the SRAM
data, an EEPROM array is included on the 47L64.
During normal operation, the EEPROM array is not
directly accessible to the user. Instead, the 47L64
preserves the SRAM data by automatically performing
store and recall operations on power-down and power-
up, respectively.
3.2.1
AUTOSTORE
To simplify device usage, the 47L64 features an
AutoStore mechanism. To enable this feature, the user
must place a capacitor on the VCAP pin. The capacitor
is charged through the VCC pin. When the 47L64
detects a power-down event, the device automatically
switches to the capacitor for power and initiates the
AutoStore operation.
To avoid extraneous store operations, the AutoStore
will only be initiated if the SRAM array has been
modified since the last Store or Recall operation.
The AutoStore is initiated when VCAP falls below
VTRIP. Even if power is restored, the 47L64 cannot be
accessed for TSTORE time and TRESTORE after the
AutoStore is initiated.
3.2.2
AUTORECALL
The 47L64
devices
features
an AutoRecall
mechanism that is performed on power-up. This
feature ensures that the SRAM data duplicates the
EEPROM data on power-up. The AutoRecall is
initiated when VCAP rises above VTRIP, and the 47L64
cannot be accessed for TRESTORE time after the
AutoRecall is initiated.
3.2.3
POLLING ROUTINE
Since the device will not acknowledge during store and
recall operations, checking for the Acknowledge signal
can be used to determine when those events are
complete. Once such an event has started,
Acknowledge polling can be initiated immediately. This
involves the master sending a Start condition, followed
by the write control byte (R/W = 0) for the SRAM array.
If the device is still busy, then no Acknowledge will be
returned. In this case, the Start condition and control
byte must be resent. If the Store or Recall are
complete, then the device will return an Acknowledge,
and the master can then proceed with the next read or
write command. See Figure 3-1 for flow diagram.
FIGURE 3-1:
POLLING FLOW
Note:
If power is restored during an AutoStore
operation, the AutoStore will continue and
then the AutoRecall will be performed.
Note 1: If power is lost during an AutoRecall
operation, the AutoRecall is aborted and
the AutoStore is not performed.
2: AutoRecall is performed every time VCAP
rises above VTRIP.
Send Start
Initiate SRAM
Write Event
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com