Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61251AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M61251AFP
Description  Single-chip NTSC TV signal processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61251AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M61251AFP Datasheet HTML 1Page - Renesas Technology Corp M61251AFP Datasheet HTML 2Page - Renesas Technology Corp M61251AFP Datasheet HTML 3Page - Renesas Technology Corp M61251AFP Datasheet HTML 4Page - Renesas Technology Corp M61251AFP Datasheet HTML 5Page - Renesas Technology Corp M61251AFP Datasheet HTML 6Page - Renesas Technology Corp M61251AFP Datasheet HTML 7Page - Renesas Technology Corp M61251AFP Datasheet HTML 8Page - Renesas Technology Corp M61251AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
M61251AFP
Rev.1.0, Sep.22.2003, page 5 of 15
Electrical characteristics (cont)
Function
Block
Parameter
Specification (typ.)
Pin no.
Condition
Video switch
TV / EXT crosstalk
–55dB
31
at 5 MHz
Center frequency
3.58 MHz
Suppression at subcarrier
frequency (fsc)
–30dB
Suppression at fsc+/-100 kHz
–25dB
Suppression at fsc+/-500 kHz
–10dB
Chroma trap
Trap fine adjustment
–
I
2C: 2bits
Delay time
125 ns
Peak frequency for emphasis
2.5 MHz
Video tone
Control range
–2.5 to +10dB
–
I
2C: 6 bits
Delay-time adjustment
125 / 250 / 400 / 550nsec
I
2C: 2 bits
Delay line
Delay fine adjustment
0 / 80nsec
–
I
2C: 1 bit
Start Point
60 I RE
End Stop
8 IRE
Black stretch
Max. effect
6dB (25 IRE)
–
Gain
6dB
Y SW OUT
Y SW LPF cut-off frequency
700 KHz
31
I
2C “Y SW LPF” : 1
Video
Video mute
Mute suppression (Y)
–45dB
14. 15.
16
Center frequency
3.58 MHz
Chroma BPF
2 - MHz suppression
–22 dB
–
ACC range
+6 to –22 dB
ACC
Overload
chroma 169%
–
fo
3.579545 MHz
14, 15,
16
fsc out 1 level - 1
1Vpp
Pin25 CLK CONT :
High
VCXO
fsc out 1 level - 2
OFF
29
Pin25 CLK CONT :
Low
APC
Pull - IN
+ / –600 Hz
14, 15,
16
APC Filter
1
µF+4.7K//0.015µF
Color killer level
–45dB
Color killer
detector
Suppression
–40dB
–
Tint control
+/- 45deg
I
2 C 7bit
Demodulation angle
103deg / 95deg
I
2 C”C Angle 95”
Carrier leakage
–40dB
Chroma
Demodulator
Demodulation ratio
(B - Y) : (R –Y) = 1:0.55
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com