Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61251AFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61251AFP
Description  Single-chip NTSC TV signal processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61251AFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61251AFP Datasheet HTML 4Page - Renesas Technology Corp M61251AFP Datasheet HTML 5Page - Renesas Technology Corp M61251AFP Datasheet HTML 6Page - Renesas Technology Corp M61251AFP Datasheet HTML 7Page - Renesas Technology Corp M61251AFP Datasheet HTML 8Page - Renesas Technology Corp M61251AFP Datasheet HTML 9Page - Renesas Technology Corp M61251AFP Datasheet HTML 10Page - Renesas Technology Corp M61251AFP Datasheet HTML 11Page - Renesas Technology Corp M61251AFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
M61251AFP
Rev.1.0, Sep.22.2003, page 8 of 15
Write table (input bytes)
SUB ADDRESS
HEX
BIN
D7
D6
D5
D4
D3
D2
D1
D0
INITIAL
(inhibited)
RF Felay Adj
00H
00000000
0
1
0
0000
0
40H
(inhibited)
VIFFreq5875
VIF VCD ADJ
01H
00000001
0
0
1
0000
0
20H
Video Mute
Audio EXT
C. Clip level
TRAP Off
Video T Sharp
ABCL
Black Stre. Off
Take Off
02H
00000010
0
0
0
0000
0
00H
Audio Mute
Audio ATT
03H
00000011
0
0
0
0000
0
00H
ABCL Gain
AFT Defeat
Video Tone
04H
00000100
0
0
V1
V0
V0
V0
V0
V0
20H
EXTRGB C. Clip
Contrast Control
05H
00000101
V0
V1
V0
V0
V1
V0
V0
V0
V0
V0
V0
V0
V0
V0
V0
40H
VIF Video Out Gain
Y/C
EXT
Y DL Fine Adj
Y DL Time Adj
06H
00000110
1
0
0
V0
V0
0
0
0
80H
VIF Defeat
Tint Control
07H
00000111
0
40H
Blue Back
Color Control
08H
00001000
V0
V1
V0
V0
V0
V0
V0
V0
40H
HV BLK OFF
VOUT STOP
FSC FREE
HTONE SW
(inhibited)
09H
00001001
0
0
0
0010
0
04H
Brightness Control
0AH
00001010
V1
V0
V0
V1
V0
V0
V0
V0
V0
V0
V0
V0
V0
V0
V0
80H
(inhibited)
DRIVE (R)
0BH
00001011
0
1
0
0000
0
40H
(inhibited)
DRIVE (B)
0CH
00001100
0
1
0
0000
0
40H
Cut Off (R)
0DH
00001101
1
0
0
0000
0
80H
Cut Off (G)
0EH
00001110
1
0
0
0000
0
80H
Cut Off (B)
0FH
00001111
1
0
0
0000
0
80H
White Back
V-free
(inhibited)
H VCO Adj
10H
00010000
0
0
1
0010
0
24H
(inhibited)
V-Size
11H
00010001
0
0
1
0000
0
20H
Monitoring
Gamma Control
TRAP Fine Adj
12H
00010010
0
0
0
0000
0
00H
H-free
V. 1Windows
YSW LPF
H Start
Service SW
V Shift
13H
00010011
0
0
0
0000
0
00H
Black Strech Discharge
Black Strech Charge
S.Slice Down2 S.Slice Down1
(inhibited)
14H
00010100
0
0
0
0
0
0
1
1
03H
AFC1 Gain
AFC2 Gain
OSD level
Analog OSD
US/JPN SW
Killer level
15H
00010101
0
0
0
0000
0
00H
VSYNCDET Auto Slice down
FBP Vth L
AFC2 H Phase
16H
00010110
1
0
0
1000
0
90H
YUV SW
Baseband Tint Control
17H
00010111
0
40H
Test1
(inhibited)
18H
00011000
0
0
0
0000
0
00H
BGPFBP OFF
Test2
(inhibited)
19H
00011001
0
0
0
0000
0
00H
Test3
(inhibited)
1AH
00011010
0
0
0
0000
0
00H
(inhibited)
1BH
00011011
0
0
0
0000
0
00H
(inhibited)
1CH
00011100
0
0
0
0000
0
00H
DATA
NOTE: V0/V1 ==> V–LATCH BIT
Read table (output bytes)
SUB ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
00H
00000000
KILLERB
(not
assigned)
STPETB
VCOINB
AFT 0
AFT 1
HCOINB
(not assigned)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com