Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61251AFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M61251AFP
Description  Single-chip NTSC TV signal processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61251AFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M61251AFP Datasheet HTML 7Page - Renesas Technology Corp M61251AFP Datasheet HTML 8Page - Renesas Technology Corp M61251AFP Datasheet HTML 9Page - Renesas Technology Corp M61251AFP Datasheet HTML 10Page - Renesas Technology Corp M61251AFP Datasheet HTML 11Page - Renesas Technology Corp M61251AFP Datasheet HTML 12Page - Renesas Technology Corp M61251AFP Datasheet HTML 13Page - Renesas Technology Corp M61251AFP Datasheet HTML 14Page - Renesas Technology Corp M61251AFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
M61251AFP
Rev.1.0, Sep.22.2003, page 11 of 15
Write (Cont)
Function
Bit
Sub-
address
Data
Description
Initial
value
Note
Brightness control
8
0AH
D0 to D7
Brightness level control
80H
V Latch
Drive (red)
7
0BH
D0 to D6
Red-output level control
40H
Drive (blue)
7
0CH
D0 to D6
Blue-output level control
40H
Cut-off (red)
8
0CH
D0 to D7
Red-output DC-level control
80H
Cut-off (green)
8
0EH
D0 to D7
Green-output DC-level control
80H
Cut-off (blue)
8
0FH
D0 to D7
Blue-output DC-level control
80H
Blue background
1
08H
D7
Blue-background screen on / off. 1: off,
1: blue background
0
White background
1
10H
D7
White background on / off, 1: off, 1:
white background
0
ABCL
1
02H
D2
ABCL on/off. 0: off, 1: ABCL on
0
ABCL gain
1
04H
D7
ABCL sensitivity low / high. 0: low, 1:
high
0
On-screen display
level
1
15H
D5
On-screen display level (70 / 90%). 0:
70%, 1: 90%
0
Halftone SW
1
09H
D4
Halftone on / off. 0: off, 1: on
0
R
G
B
Analog on-screen
display
1
15H
D4
On-screen display digital / analog input.
0: digital, 1: analog
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com