Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61251AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M61251AFP
Description  Single-chip NTSC TV signal processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61251AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M61251AFP Datasheet HTML 2Page - Renesas Technology Corp M61251AFP Datasheet HTML 3Page - Renesas Technology Corp M61251AFP Datasheet HTML 4Page - Renesas Technology Corp M61251AFP Datasheet HTML 5Page - Renesas Technology Corp M61251AFP Datasheet HTML 6Page - Renesas Technology Corp M61251AFP Datasheet HTML 7Page - Renesas Technology Corp M61251AFP Datasheet HTML 8Page - Renesas Technology Corp M61251AFP Datasheet HTML 9Page - Renesas Technology Corp M61251AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
M61251AFP
Rev.1.0, Sep.22.2003, page 6 of 15
Electrical characteristics (cont)
Function
Block
Parameter
Specification (typ.)
Pin no.
Condition
Color control
I
2C: 7 bits
Max. attenuation
Matrix
–45dB
14, 15, 16
B / W mode at I
2C data = 0
Input level
Digital: 1 Vp-p
Analog: 0.7 Vp-p
I
2C Analog OSD”
OSD speed (rise)
0.02
µs
External RGB
OSD speed (fall)
0.02
µs
21, 22, 23
–40 to 3dB
14, 15, 16
I
2C: 7 bits
Contrast
control
Range of control
External control
33
Decoupling 0.1
µF
–0.85 to + 0.85 V
14, 15, 16
I
2C: 8 bits
Brightness
control
Range of control
External control
33
De-coupling 0.1
µF
Drive control
Range of control
+ / -3dB (R / B)
14, 16
I
2C: 7 bits
Cut-off
Range of control
+0.9 to –0.9 V
14, 15, 16
Output pedestal
voltage
2.4 V
Open emitter output
Distribution of
output voltage
Less than 300 mW
Clamp ability
100%
RGB
RGB OUT
Output blanking
voltage
0.3 V
14, 15, 16
Pin 32 voltage
detection
4.2 V
Reset polarity
Low reset
MCU
reset
Reset
Maximum sink
current
4 mA
30
VREG Vcc
Supply voltage
(P-ON)
8.7 V
42
Output voltage
5.7 V
MCU 5.7 V
REGOUT
Maximum output
current
2.5 mA
32
Output voltage
5.7 V
Pin 28 (Power on control) =
5 V
5.7 V
REGOUT
Maximum output
current
5 mA
49
Pin 28 (Power on control) =
5 V
Output voltage 1
8.7 V
Pin 28 (Power on control) =
0 V
Output voltage 2
0 V
Power
supply
8.7 REGOUT
Maximum output
current
1 mA
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com