Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6821 Datasheet(PDF) 47 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 47 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 51Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
47
www.emmicroelectronic.com
14.1 LCD Control
The LCD driver has two control registers
RegLCDCntl1, RegLCDCntl2 to optimize for display contrast,
power consumption, operation mode and bias voltage source.
LCDExtSupply: Choosing external supply (LCDExtSupply =‘1’) disables the internal LCD voltage regulator
and voltage multiplier, it also puts the bias voltage terminals VL1, VL2 and VL3 into high impedance state.
External bias levels can now be connected to VL1, VL2 and VL3 terminals. (Resistor divider chain or others).
Another way to adapt the VL1, VL2 and VL3 levels to specific user needs is to overdrive the VL1 output
(LCDExtSupply =0) with the desired value. The internal multiplier will multiply this new VL1 level to generate
the corresponding levels VL2 and VL3. The bit LCDExtSupply is only reset by initial POR.
LCD4Mux: With this switch one selects either 3:1 or 4:1 (default) times multiplexing of the 20 Segment driver
outputs. In the case of 3:1 multiplexing the COM[4] is off.
LCDOff: Disables the LCD. The voltage multiplier and regulator are switched off ( 0 current ).The Segment
latch information is maintained. The VL1,VL2 and VL3 outputs are pulled to VSS.
LCDBlank: All Segment outputs are turned off. The voltage multiplier and regulator remain switched on.
LCDBlank can be used with the 1Hz and Blink interrupt to let the whole display blink (software controlled).
CkTripSel1,0: Selecting the appropriate voltage multiplier frequency to optimize display contrast and power
consumption. The value to use is also depending on the selected multiplier booster capacitors (typically
100nF).
14.2 LCD Addressing
The LCD driver addressing is indirect using
the RegIndexAdr value as an offset to the
directly addressed base LCD_1, LCD_2 or
LCD_3 registers. All LCD Segment registers
are R/W.
At address LCD_3 only the first 8 Index
locations are usable. The Index locations
hex(8 to F) are non implemented.
A total of 40 addresses are available to the
user to freely define the addressing of the
LCD Segment latches. For each of these
latches the user may choose the address
and data to be connected. See also section
14.3. However only 20x4 LCD Segment
latches
are
implemented.
The
unused
address locations are empty and can not be
used as RAM.
Figure 36. LCD Address Mapping
LCD_3
LCD_2
LCD_1
4 bit R/W
RegIndexAdr[F]
RegIndexAdr[E]
4 bit R/W
...
...
RegIndexAdr[1]
4 bit R/W
4 bit R/W
RegIndexAdr[0]
4 bit R/W
RegIndexAdr[F]
RegIndexAdr[E]
4 bit R/W
...
...
RegIndexAdr[1]
4 bit R/W
4 bit R/W
RegIndexAdr[0]
4 bit R/W
RegIndexAdr[8]
RegIndexAdr[7]
4 bit R/W
...
...
RegIndexAdr[1]
4 bit R/W
4 bit R/W
RegIndexAdr[0]
40 x 4 Indexed Addressable LCD Latches
but Maximum 20x4 Bits are R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com