Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6821 Datasheet(PDF) 64 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 64 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 64Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 65Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 66Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 67Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 68Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
64
www.emmicroelectronic.com
20.7 DC characteristics - I/O Pins
Conditions: T= -20 ... 85
°C (unless otherwise specified)
VDD=1.5V means; measures without voltage regulator
VDD=3.0V means; measures with voltage regulator
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Input Low voltage
Ports A,B,SP Test
VDD < 1.5V
VIL
Vss
0.2VDD
V
Ports A,B,SP Test
VDD > 1.5V
VIL
Vss
0.3VDD
V
QIN with Regulator
VIL
Vss
0.1Vreg
V
QIN without Regulator
VIL
Vss
0.1VDD
V
QOUT (note 7)
Input High voltage
Ports A,B,SP Test
VIH
0.7VDD
VDD
V
QIN with Regulator
VIH
0.9Vreg
Vreg
V
QIN without Regulator
VIH
0.9VDD
VDD
V
QOUT (note 7)
Output Low Current
VDD=1.5V , VOL=0.15V
IOL
0.6
mA
all logic outputs
VDD=1.5V , VOL=0.30V
IOL
1.0
mA
VDD=1.5V , VOL=0.50V
IOL
1.1
1.5
mA
VDD=3.0V , VOL=0.15V
IOL
1.0
mA
VDD=3.0V , VOL=0.30V
IOL
2.0
mA
VDD=3.0V , VOL=0.50V
IOL
3.3
mA
VDD=3.0V , VOL=1.00V
IOL
4.5
6.3
mA
Output High Current
VDD=1.5V, VOH= VDD-0.15V
IOH
-0.5
mA
all logic outputs
VDD=1.5V, VOH= VDD-0.30V
IOH
-0.95
mA
VDD=1.5V, VOH= VDD-0.50V
IOH
-1.3
-0.8
mA
VDD=3.0V, VOH= VDD-0.15V
IOH
-0.95
mA
VDD=3.0V , VOH= VDD-0.30V
IOH
-1.9
mA
VDD=3.0V , VOH= VDD-0.50V
IOH
-3.0
mA
VDD=3.0V , VOH= VDD-1.00V
IOH
-5.6
-3.8
mA
Input Pull-down
VDD=1.5V, Pin at 1.5V, 25
°C
RPD
13k
Ohm
Test
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
13k
Ohm
Input Pull-down
VDD=1.5V, Pin at 1.5V, 25
°C
RPD
120k
150k
200k
Ohm
Port A,B,SP (note 8) weak
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
150k
230k
350k
Ohm
Input Pull-up
VDD=1.5V, Pin at 0.0V, 25
°C
RPU
200k
440k
1000k
Ohm
Port A,B,SP (note 8) weak
VDD=3.0V, Pin at 0.0V, 25
°C
RPU
110k
140k
200k
Ohm
Input Pull-down
VDD=1.5V, Pin at 1.5V, 25
°C
RPD
70k
85k
130k
Ohm
Port A,B,SP (note 8) strong VDD=3.0V, Pin at 3.0V, 25
°C
RPD
70k
85k
130k
Ohm
Input Pull-up
VDD=1.5V, Pin at 0.0V, 25
°C
RPU
70k
88k
133k
Ohm
Port A,B,SP (note 8) strong VDD=3.0V, Pin at 0.0V, 25
°C
RPU
70k
88k
133k
Ohm
Note 7 ; QOUT (OSC2) is used only with Quartz, no other connection allowed
Note 8 : Weak or strong are standing for weak pull or strong pull transistor. Values are for R1=100kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com