Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6821 Datasheet(PDF) 56 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 56 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 60Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
56
www.emmicroelectronic.com
18. Mask Options
Most options which in many µControllers are realized as metal mask options are directly user selectable with
the option registers, therefore allowing a maximum freedom of choice .See chapter: Option Register Memory
Map.
The following options can be selected at the time of programming the metal mask ROM, except the LCD Segment
allocation which is defined using the interconnect metal2 mask.
18.1 Input / Output Ports
18.1.1 Port A Metal Options
18.1.2 Port A Metal Options
Pull-up or no pull-up can be selected
for each port A input. A pull-up
selection is excluding a pull-down on
the same input.
Pull-down (default) or no pull-down
can be selected for each port A
input.
A
pull-down
selection
is
excluding a pull-up on the same
input.
The total pull value (pull-up or pull-
down) is a series resistance out of
the resistance R1 and the switching
transistor. As a switching transistor
the user can choose between a high
impedance
(weak)
or
a
low
impedance (strong) switch. Weak,
strong or none must be chosen. The
default is strong. The default resistor
R1 value is 90 KOhm. The user may
choose a different value lower than
90kOhm. However the value must first be checked and agreed by EM Microelectronic Marin SA. Refer also to
chapter 19.2 and 19.1 for the pull values.
To select an option put an X in
column 1,2 and 4 and reconfirm
the R1 value in column 3.
The default value is : Strong pull-
down with R1=90 KOhm
To select an option put an X in
column 1,2 and 4 and reconfirm
the R1 value in column 3.
The default value is : Strong pull-up
with R1=90 KOhm
Figure 38. Port A Pull Options
Resistor R1
MPAPDweak[n]
Weak Pull-down
MPAPDstrong[n]
Strong Pull-down
MPAPUweak[n]
Weak Pull-up
MPAPUstrong[n]
Strong Pull-up
Pull-up Control
PA[n]
Terminal
100 KOhm
No Pull-up
No Pull-down
Pull-down Control
OR
Input Circuitry
Option
Name
Strong
Pull-
down
W
Pull-
down
R1
Value
Typ.90k
No
Pull-
down
1
2
3
4
MPAPD[3]
PA3 input pull-down
MPAPD[2]
PA2 input pull-down
MPAPD[1]
PA1 input pull-down
MPAPD[0]
PA0 input pull-down
Option
Name
Strong
Pull-up
Weak
Pull-up
R1
Value
typ.90k
No
Pull-up
1
2
3
4
MPAPU[3]
PA3 input pull-up
MPAPU[2]
PA2 input pull-up
MPAPU[1]
PA1 input pull-up
MPAPU[0]
PA0 input pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com