Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6821 Datasheet(PDF) 48 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 48 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 52Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
48
www.emmicroelectronic.com
14.3 Free Segment Allocation
Each Segment (SEG[20:1]) terminal outputs the time multiplexed information from its 4 Segment data latches.
Information stored in latch 1 is output during phase1, latch 2 during phase 2, latch 3 during phase 3 and latch 4
during phase 4. In the case of 3 to 1 multiplexing the phase 4 and the latch 4 are not used. This phase
information on the segment outputs together with the common outputs (COM[4:1]) - also called back-planes -
defines if a given LCD segment is light or not. COM[1] is on during phase 1 and off during phase 2,3,4 ,
COM[2] is on during phase 2 and off during phase 1,3,4 , etc.
For each segment data latch the address location within the LCD address spacing (LCD_3 + Index(8), LCD_2
+ Index(16), LCD_1 + Index(16) --> LCDAdr[39:0]) can be user defined.
For each segment data latch the data bus connection (DB[3:0]) can be user defined.
Table 14.3.1 Default LCD Configuration
Segment outputs
COM[1]
= phase1
COM[2]
= phase2
COM[3]
= phase3
COM[4]
= phase4
SEG[1]
DB[0], LCDAdr[0]
DB[1], LCDAdr[0]
DB[2], LCDAdr[0]
DB[3], LCDAdr[0]
SEG[2]
DB[0], LCDAdr[1]
DB[1], LCDAdr[1]
DB[2], LCDAdr[1]
DB[3], LCDAdr[1]
SEG[3]
DB[0], LCDAdr[2]
DB[1], LCDAdr[2]
DB[2], LCDAdr[2]
DB[3], LCDAdr[2]
...
...
...
...
...
SEG[18]
DB[0], LCDAdr[18]
DB[1], LCDAdr[18]
DB[2], LCDAdr[18]
DB[3], LCDAdr[18]
SEG[19]
DB[0], LCDAdr[19]
DB[1], LCDAdr[19]
DB[2], LCDAdr[19]
DB[3], LCDAdr[19]
SEG[20]
DB[0], LCDAdr[20]
DB[1], LCDAdr[20]
DB[2], LCDAdr[20]
DB[3], LCDAdr[20]
14.4 LCD Registers
Table 14.4.1 Register RegLcdCntl1
Bit
Name
Reset
R/W
Description
3
StrobeOutSel1
POR to ‘0’
R/W
Strobe output select
2
StrobeOutSel0
POR to ‘0’
R/W
Strobe output select
1
CkTripSel1
0
R/W
LCD multiplier clock select
0
CkTripSel0
0
R/W
LCD multiplier clock select
StrobeOutSel1,0 is reset by initial power on only.
Table 14.4.2 Multiplier Clock Frequency Select
CkTripSel0
CkTripSel1
Multiplier Clock
on 32 KHz operation
0
0
Ck[10]
512 Hz
1
0
Ck[9]
256 Hz
0
1
Ck[8]
128 Hz
1
1
Ck[7]
64 Hz
Table 14.4.3 Register LcdCntl2
Bit
Name
Reset
R/W
Description
3
LCDBlank
1
R/W
LCD Segment outputs off
2
LCDOff
1
R/W
LCD off (multiplier off)
1
LCD4Mux
1
R/W
4 : 1 multiplexed
0
LCDExtSupply
POR to ‘0’
R/W
External supply for VL1, VL2 and VL3
LCDExtSupply is reset to ‘0’ by POR only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com