Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6821 Datasheet(PDF) 59 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 59 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 63Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
59
www.emmicroelectronic.com
18.1.5 Voltage Regulator Option
By default the internal voltage regulator supplies the
core logic the RAM and the ROM Mvreg(yes). With
option MVreg(No) the regulator is cut and Vbat is
supplying the core logic the ROM and the RAM.
18.1.6 Debouncer Frequency Option
By default the debouncer frequency is Ck[11]. The
user may choose Ck[14] instead of Ck[11].
Ck[14 ]corresponds to maximum 0.25ms debouncer
time in case of a 32kHz oscillator.
18.1.7 User defined LCD Segment Allocation
If using a different Segment allocation from the one described in chapter 14.3 , one needs to fill in following
table. The Segment allocation connection are realized with the interconnect Metal2 mask.
4 times MUX
COM[1]
COM[2]
COM[3]
COM[4]
3 times MUX
COM[1]
COM[2]
COM[3]
--
SEG[1]
SEG[2]
SEG[3]
SEG[4]
SEG[5]
SEG[6]
SEG[7]
SEG[8]
SEG[9]
SEG[10]
SEG[11]
SEG[12]
SEG[13]
SEG[14]
SEG[15]
SEG[16]
SEG[17]
SEG[18]
SEG[19]
SEG[20]
The customer should specify the required options at the time of ordering. A copy of the pages 56 to
59, as well as the « Software ROM characteristic file » generated by the assembler (*.STA) should be
attached to the order.
Option
Name
Default
Value
User
Value
MVreg
Voltage Regulator
YES
Option
Name
Default
Value
User
Value
MDeb
Debouncer freq.
Ck[11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com