Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 19Page - Microchip Technology PIC16F15213 Datasheet HTML 20Page - Microchip Technology PIC16F15213 Datasheet HTML 21Page - Microchip Technology PIC16F15213 Datasheet HTML 22Page - Microchip Technology PIC16F15213 Datasheet HTML 23Page - Microchip Technology PIC16F15213 Datasheet HTML 24Page - Microchip Technology PIC16F15213 Datasheet HTML 25Page - Microchip Technology PIC16F15213 Datasheet HTML 26Page - Microchip Technology PIC16F15213 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 439 page
background image
8.6.1
CONFIG1
Name: 
CONFIG1
Offset: 
0x8007
Configuration Word 1
Bit
15
14
13
12
11
10
9
8
VDDAR
CLKOUTEN
Access
R/W
R/W
Reset
1
1
Bit
7
6
5
4
3
2
1
0
RSTOSC[1:0]
FEXTOSC[1:0]
Access
R/W
R/W
R/W
R/W
Reset
1
1
1
1
Bit 12 – VDDAR  VDD Analog Range Calibration Selection
Value
Description
1
Internal analog systems are calibrated for operation between VDD = 2.3V - 5.5V
0
Internal analog systems are calibrated for operation between VDD = 1.8V - 3.6V
Bit 8 – CLKOUTEN Clock Out Enable
Value
Description
1
CLKOUT function is disabled; I/O function on CLKOUT pin
0
CLKOUT function is enabled; FOSC/4 clock appears on CLKOUT pin
Bits 5:4 – RSTOSC[1:0] Power-up Default Value for COSC bits
Selects the oscillator source used by user software. Refer to COSC operation.
Value
Description
11
EXTOSC operating per the FEXTOSC bits
10
HFINTOSC with FRQ = 1 MHz
01
LFINTOSC
00
HFINTOSC with FRQ = 32 MHz
Bits 1:0 – FEXTOSC[1:0] External Oscillator Mode Selection
Value
Description
11
ECH (16 MHz and higher)
10
ECL (below 16 MHz)
01
Oscillator not enabled
00
Reserved
PIC16F15213/14/23/24/43/44
Device Configuration
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com