Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 85Page - Microchip Technology PIC16F15213 Datasheet HTML 86Page - Microchip Technology PIC16F15213 Datasheet HTML 87Page - Microchip Technology PIC16F15213 Datasheet HTML 88Page - Microchip Technology PIC16F15213 Datasheet HTML 89Page - Microchip Technology PIC16F15213 Datasheet HTML 90Page - Microchip Technology PIC16F15213 Datasheet HTML 91Page - Microchip Technology PIC16F15213 Datasheet HTML 92Page - Microchip Technology PIC16F15213 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 439 page
background image
The following events happen when an interrupt event occurs while the GIE bit is set:
• Current prefetched instruction is flushed
• GIE bit is cleared
• Current Program Counter (PC) is pushed onto the stack
• Critical registers are automatically saved to the shadow registers (see Automatic Context Saving)
• PC is loaded with the interrupt vector 0004h
The firmware within the Interrupt Service Routine (ISR) may determine the source of the interrupt by polling the
interrupt flag bits. The interrupt flag bits must be cleared before exiting the ISR to avoid repeated interrupts. Because
the GIE bit is cleared, any interrupt that occurs while executing the ISR will be recorded through its interrupt flag, but
will not cause the processor to redirect to the interrupt vector.
The RETFIE instruction exits the ISR by popping the previous address from the stack, restoring the saved context
from the shadow registers and setting the GIE bit.
For additional information on a specific interrupts operation, refer to its peripheral section.
Important: 
1.
Individual interrupt flag bits are set, regardless of the state of any other enable bits.
2.
All interrupts will be ignored while the GIE bit is cleared. Any interrupt occurring while the GIE bit is
clear will be serviced when the GIE bit is set again.
12.5
Interrupt Latency
Interrupt latency is defined as the time from when the interrupt event occurs to the time code execution at the
interrupt vector begins. The interrupt is sampled during Q1 of the instruction cycle. The actual interrupt latency then
depends on the instruction that is executing at the time the interrupt is detected. See the following figures for more
details.
Figure 12-2. Interrupt Latency
Rev. 10-000269E
8/31/2016
Q1
Q1
Q1
Q1
Q1
Q1
Q1 Q2
Q2
Q2
Q2
Q2
Q2
Q2
Q3
Q3
Q3
Q3
Q3
Q3
Q3 Q4
Q4
Q4
Q4
Q4
Q4
Q4
CLKIN
CLKOUT
INT
pin
PC - 1
PC
Fetch
Execute
PC - 2
PC - 1
PC
PC + 1
NOP
NOP
PC = 0x0004
PC = 0x0004
PC = 0x0005
PC = 0x0005
PC = 0x0006
1 Cycle Instruction at PC
Latency
Valid Interrupt
window(1)
Indeterminate
Latency(2)
PIC16F15213/14/23/24/43/44
Interrupts
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com