Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F15213 Datasheet HTML 1Page - Microchip Technology PIC16F15213 Datasheet HTML 2Page - Microchip Technology PIC16F15213 Datasheet HTML 3Page - Microchip Technology PIC16F15213 Datasheet HTML 4Page - Microchip Technology PIC16F15213 Datasheet HTML 5Page - Microchip Technology PIC16F15213 Datasheet HTML 6Page - Microchip Technology PIC16F15213 Datasheet HTML 7Page - Microchip Technology PIC16F15213 Datasheet HTML 8Page - Microchip Technology PIC16F15213 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 439 page
background image
PIC16F15213/14/23/24/43/44
PIC16F15213/14/23/24/43/44 Low Pin Count
Microcontrollers
Introduction
The PIC16F152 microcontroller family has a suite of digital and analog peripherals that enable cost-sensitive sensor
and real-time control applications. This product family is available from 8 to 44-pin packages in a memory range
of 3.5 KB to 28 KB, with speeds up to 32 MHz. The family includes a 10-bit Analog-to-Digital Converter (ADC),
Peripheral Pin Select (PPS), Memory Access Partition (MAP) to support users in data protection and bootloader
applications, Device Information Area (DIA) that stores Fixed Voltage Reference (FVR) offset values to help improve
ADC accuracy, digital communication peripherals, timers and waveform generators. This small form factor device is
well suited for low-cost sensor and control applications.
PIC16F152 Family Types
Table 1. Devices Included in This Data Sheet
PIC16F15213
3.5K
256
Y/Y
6/Y
1/2
2/2
5/2
1
1
N
1
6
Y
PIC16F15214
7K
512
Y/Y
6/Y
1/2
2/2
5/2
1
1
N
1
6
Y
PIC16F15223
3.5K
256
Y/Y
12/Y
1/2
2/2
9/2
1
1
Y
1
12
Y
PIC16F15224
7K
512
Y/Y
12/Y
1/2
2/2
9/2
1
1
Y
1
12
Y
PIC16F15243
3.5K
256
Y/Y
18/Y
1/2
2/2
12/2
1
1
Y
1
18
Y
PIC16F15244
7K
512
Y/Y
18/Y
1/2
2/2
12/2
1
1
Y
1
18
Y
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 1


Similar Part No. - PIC16F15213

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F15213 MICROCHIP-PIC16F15213 Datasheet
7Mb / 420P
PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
Rev. A 04/2020
PIC16F15213 MICROCHIP-PIC16F15213 Datasheet
6Mb / 408P
PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
More results

Similar Description - PIC16F15213

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
logo
fujitsu semiconductor
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
logo
Microchip Technology
PIC16F15213 MICROCHIP-PIC16F15213 Datasheet
7Mb / 420P
PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
Rev. A 04/2020
PIC16F18426 MICROCHIP-PIC16F18426 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18424 MICROCHIP-PIC16F18424 Datasheet
10Mb / 707P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18425 MICROCHIP-PIC16F18425 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F17114 MICROCHIP-PIC16F17114 Datasheet
13Mb / 666P
PIC16F17114/15/24/25/44/45 Full-Featured 8/14/20-Pin Microcontrollers
Doc. Rev. A Date 03/2022
PIC16F18114 MICROCHIP-PIC16F18114 Datasheet
12Mb / 652P
PIC16F18114/15/24/25/44/45 Full-Featured 8/14/20-Pin Microcontrollers
Doc. Rev. A Date 03/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com