Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 54Page - Microchip Technology PIC16F15213 Datasheet HTML 55Page - Microchip Technology PIC16F15213 Datasheet HTML 56Page - Microchip Technology PIC16F15213 Datasheet HTML 57Page - Microchip Technology PIC16F15213 Datasheet HTML 58Page - Microchip Technology PIC16F15213 Datasheet HTML 59Page - Microchip Technology PIC16F15213 Datasheet HTML 60Page - Microchip Technology PIC16F15213 Datasheet HTML 61Page - Microchip Technology PIC16F15213 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 439 page
background image
9.7.4
STATUS
Name: 
STATUS
Offset: 
0x0003
Status Register
Bit
7
6
5
4
3
2
1
0
TO
PD
Z
DC
C
Access
R
R
R/W
R/W
R/W
Reset
1
1
0
0
0
Bit 4 – TO Time-Out
Reset States: POR/BOR = 1
All Other Resets = q
Value
Description
1
Set at power-up or by execution of CLRWDT or SLEEP instruction
0
A WDT time-out occurred
Bit 3 – PD Power-Down
Reset States: POR/BOR = 1
All Other Resets = q
Value
Description
1
Set at power-up or by execution of CLRWDT instruction
0
Cleared by execution of the SLEEP instruction
Bit 2 – Z Zero
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
The result of an arithmetic or logic operation is zero
0
The result of an arithmetic or logic operation is not zero
Bit 1 – DC  Digit Carry/Borrow(1)
ADDWF, ADDLW, SUBLW, SUBWF instructions
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
A carry-out from the 4th low-order bit of the result occurred
0
No carry-out from the 4th low-order bit of the result
Bit 0 – C  Carry/Borrow(1)
ADDWF, ADDLW, SUBLW, SUBWF instructions
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
A carry-out from the Most Significant bit of the result occurred
0
No carry-out from the Most Significant bit of the result occurred
Note: 
1.
For Borrow, the polarity is reversed. A subtraction is executed by adding the two’s complement of the second
operand. For Rotate (RRCF, RLCF) instructions, this bit is loaded with either the high or low-order bit of the
Source register.
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com