Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 20Page - Microchip Technology PIC16F15213 Datasheet HTML 21Page - Microchip Technology PIC16F15213 Datasheet HTML 22Page - Microchip Technology PIC16F15213 Datasheet HTML 23Page - Microchip Technology PIC16F15213 Datasheet HTML 24Page - Microchip Technology PIC16F15213 Datasheet HTML 25Page - Microchip Technology PIC16F15213 Datasheet HTML 26Page - Microchip Technology PIC16F15213 Datasheet HTML 27Page - Microchip Technology PIC16F15213 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 439 page
background image
8.6.2
CONFIG2
Name: 
CONFIG2
Offset: 
0x8008
Configuration Word 2
Bit
15
14
13
12
11
10
9
8
DEBUG
STVREN
PPS1WAY
BORV
Access
R/W
R/W
R/W
R/W
Reset
1
1
1
1
Bit
7
6
5
4
3
2
1
0
BOREN[1:0]
WDTE[1:0]
PWRTS[1:0]
MCLRE
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
1
1
1
1
1
1
Bit 13 – DEBUG  Debugger Enable(1)
Value
Description
1
Background debugger disabled
0
Background debugger enabled
Bit 12 – STVREN Stack Overflow/Underflow Reset Enable
Value
Description
1
Stack Overflow or Underflow will cause a Reset
0
Stack Overflow or Underflow will not cause a Reset
Bit 11 – PPS1WAY PPSLOCKED One-Way Set Enable
Value
Description
1
The PPSLOCKED bit can only be set once after an unlocking sequence is executed; once
PPSLOCKED is set, all future changes to PPS registers are prevented
0
The PPSLOCKED bit can be set and cleared as needed (unlocking sequence is required)
Bit 9 – BORV  Brown-out Reset (BOR) Voltage Selection(2)
Value
Description
1
Brown-out Reset voltage (VBOR) set to 1.9V
0
Brown-out Reset voltage (VBOR) set to 2.85V
Bits 7:6 – BOREN[1:0]  Brown-out Reset (BOR) Enable(3)
Value
Description
11
Brown-out Reset enabled, the SBOREN bit is ignored
10
Brown-out Reset enabled while running, disabled in Sleep; the SBOREN bit is ignored
01
Brown-out Reset enabled according to SBOREN
00
Brown-out Reset disabled
Bits 4:3 – WDTE[1:0] Watchdog Timer (WDT) Enable
Value
Description
11
WDT enabled regardless of Sleep; the SEN bit of WDTCON is ignored
10
WDT enabled while Sleep = 0, suspended when Sleep = 1; the SEN bit of WDTCON is ignored
01
WDT enabled/disabled by the SEN bit of WDTCON
00
WDT disabled, the SEN bit of WDTCON is ignored
Bits 2:1 – PWRTS[1:0] Power-Up Timer (PWRT) Selection
Value
Description
11
PWRT disabled
10
PWRT is set at 64 ms
PIC16F15213/14/23/24/43/44
Device Configuration
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com