Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F15213 Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 100Page - Microchip Technology PIC16F15213 Datasheet HTML 101Page - Microchip Technology PIC16F15213 Datasheet HTML 102Page - Microchip Technology PIC16F15213 Datasheet HTML 103Page - Microchip Technology PIC16F15213 Datasheet HTML 104Page - Microchip Technology PIC16F15213 Datasheet HTML 105Page - Microchip Technology PIC16F15213 Datasheet HTML 106Page - Microchip Technology PIC16F15213 Datasheet HTML 107Page - Microchip Technology PIC16F15213 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 439 page
background image
...........continued
WDTE[1:0]
SEN
Device Mode
WDT Mode
10
x
Awake
Active
Sleep
Disabled
01
1
X
Active
0
X
Disabled
00
x
X
Disabled
14.2.1
WDT Is Always On
When the WDTE bits are set to ‘11’, the WDT is always on. The WDT protection is active during Sleep mode.
14.2.2
WDT Is Off During Sleep
When the WDTE bits are set to ‘10’, the WDT is on except during Sleep mode. During Sleep mode, the WDT
protection is disabled.
14.2.3
WDT Controlled by Software
When the WDTE bits are set to ‘01’, the WDT is controlled by the Software Watchdog Timer Enable (SEN) bit. When
SEN is set (SEN = 1), WDT protection is active. When SEN is clear (SEN = 0), WDT protection is disabled.
14.2.4
WDT Is Off
When the WDTE bits are set to ‘00’, the WDT is disabled. In this mode, the SEN bit is ignored.
14.3
WDT Time-Out Period
The Watchdog Timer Prescale Select (PS) bits set the time-out period from 1 ms to 256 seconds (nominal). After a
Reset, the default time-out period is two seconds.
14.4
Clearing the WDT
The WDT is cleared when any of the following conditions occur:
• Any Reset
• Valid CLRWDT instruction is executed
• Device enters Sleep
• Devices wakes up from Sleep
• Any write to the WDTCON register
14.5
WDT Operation During Sleep
When the WDT enters Sleep, the WDT is cleared. If the WDT is enabled during Sleep, the WDT resumes counting.
When the WDT exits Sleep, the WDT is cleared again.
When a WDT time-out occurs while the device is in Sleep, no Reset is generated. Instead, the device wakes up and
resumes operation. The Time-Out (TO) and Power-Down (PD) bits are cleared to indicate the event. Additionally, the
Watchdog Timer Reset Flag (RWDT) bit is cleared, indicating a WDT Reset event occurred.
14.6
Register Definitions: WDT Control
PIC16F15213/14/23/24/43/44
WDT - Watchdog Timer
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com