Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 56Page - STMicroelectronics L9305 Datasheet HTML 57Page - STMicroelectronics L9305 Datasheet HTML 58Page - STMicroelectronics L9305 Datasheet HTML 59Page - STMicroelectronics L9305 Datasheet HTML 60Page - STMicroelectronics L9305 Datasheet HTML 61Page - STMicroelectronics L9305 Datasheet HTML 62Page - STMicroelectronics L9305 Datasheet HTML 63Page - STMicroelectronics L9305 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 107 page
background image
PINSTATUS
Pin status
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address:
Fault Test Base Address + 0x00
Type:
R
Reset:
0b0000000X1XXXXXXX
Description:
Echo Input Status & Internal Settings
[15:9] Unused
[8] Busy Echo - Internal signal set high when device is downloading data from EEPROM to various system control
registers
[7] SAFETY echo - internal signal set low when the device has disabled the failsafe pre-driver using the parallel shutdown
path
[6] FAULTn Pin echo - FAULTn pin status feedback
[5] RES Echo
1: RESn pin is Low
0: RESn pin is high
[4] IN 3 echo: IN3 Pin Status when in HW mode
0: Solenoid Channel 3 Enabled
1: Solenoid Channel 3 Disabled or SW mode selected
[3] IN 2 echo: IN2 Pin Status when in HW mode
0: Solenoid Channel 2 Enabled
1: Solenoid Channel 2 Disabled or SW mode selected
[2] IN 1 echo: IN1 Pin Status when in HW mode
0: Solenoid Channel 1 Enabled
1: Solenoid Channel 1 Disabled or SW mode selected
[1] IN 0 echo: IN0 Pin Status when in HW mode
0: Solenoid Channel 0 Enabled
1: Solenoid Channel 0 Disabled or SW mode selected
[0] EN_DR echo: EN_DR pin status
0: Driver Disabled
1: Driver Enabled
L9305
Fault and test page summary
DS12774 - Rev 8
page 60/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com