Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 38Page - STMicroelectronics L9305 Datasheet HTML 39Page - STMicroelectronics L9305 Datasheet HTML 40Page - STMicroelectronics L9305 Datasheet HTML 41Page - STMicroelectronics L9305 Datasheet HTML 42Page - STMicroelectronics L9305 Datasheet HTML 43Page - STMicroelectronics L9305 Datasheet HTML 44Page - STMicroelectronics L9305 Datasheet HTML 45Page - STMicroelectronics L9305 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
8.2
Main & reference oscillators
The L9305 has two internal clock oscillators, main and reference. The main clock oscillator provides the timing
and control for all device operating functions. The reference clock oscillator provides the monitoring reference
to verify the main oscillator. The monitor is able to check if one of the two oscillators is stuck and if there is a
strong frequency mismatch between them. In case the main oscillator isn’t toggling or there is a strong frequency
mismatch on it, the monitor will generate an asynchronous activation of a safety switch off path to disable the
fail-safe pre-driver: this disable condition will last until fault is recovered.
If a stuck fault on diagnostic oscillator is detected, the device keeps working but reports the corresponding fault
through SPI Service Fault 2 register.
Basic implementation of clock monitor is shown in the next figure.
Oscillator monitor is able to detect either stuck condition of one of the two clocks or frequency error of one clock
respect the other.
Figure 18. Oscillator monitor
Main Oscillator
Divider
Clock
Checker
Clock
Checker
Divider
2nd Oscillator
0
1
0
1
Low Frequency
HighFrequency
Stuck
Low Frequency
HighFrequency
Stuck
GADG2709181324PS.png
8.2.1
Main and reference oscillators electrical characteristics
4.75 V ≤ VDD ≤ 5.5 V; 5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noted. All voltages refer to
GNDA pin.
Table 30. Main and reference oscillator safety parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OSCMON_timeout
Timeout for stuck detection
Guaranteed by scan
–
–
60
µs
OSC_freq_error
Max tolerable delta between oscillators
Guaranteed by scan
-15
–
15
%
8.3
Safety switch-off path
In case an over voltage condition is detected on either internal analog or digital supply lines a safety switch-off
path is triggered in parallel to the main diagnostic functions. The meaning of this safety path is to ensure a safe
state for the system even in case the over voltage condition, caused by overshoot, latent fault, etc., will lead
to absolute violation for the internal circuitry: in this catastrophic event the functionality of the device cannot be
guaranteed so a high voltage protected circuitry is needed to guarantee the switch-off of the external fail safe
transistor(s) and disconnect the safety relevant loads from the main supply line. The safety circuitry is placed in
an isolated layout area where no top routing is allowed and a safe distance from other circuits is kept to avoid
cross-talk.
The safety off-path is triggered by POR event, main oscillator fault and EN_DR pin low voltage too; safety_fault
trigger signal is the asynchronous combination of the main oscillator fault, EN_DR monitor and digital supply
overvoltage detection, i.e. the faults that cannot be directly managed by the digital core.
L9305
Main & reference oscillators
DS12774 - Rev 8
page 42/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com