Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 29Page - STMicroelectronics L9305 Datasheet HTML 30Page - STMicroelectronics L9305 Datasheet HTML 31Page - STMicroelectronics L9305 Datasheet HTML 32Page - STMicroelectronics L9305 Datasheet HTML 33Page - STMicroelectronics L9305 Datasheet HTML 34Page - STMicroelectronics L9305 Datasheet HTML 35Page - STMicroelectronics L9305 Datasheet HTML 36Page - STMicroelectronics L9305 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Ireg_acc_L
Current regulation
accuracy
HILOAD_x = 1, 0 A ≤ Ireg ≤ 0.3 A(1)
-15
–
15
mA LOAD_SOLx
Ireg_acc_L
Current regulation
accuracy
HILOAD_x = 1, 0.3A ≤ Ireg ≤ 0.5A(1)
-5
–
5
%
LOAD_SOLx
Ireg_acc
Current regulation
accuracy
HILOAD_x = 1, 0.5 A < Ireg ≤ 2 A(1).Tj = -40
°C
-4
–
4
%
LOAD_SOLx
HILOAD_x = 1, 0.5 A < Ireg ≤ 2 A. Tj = 27 °C
-4
–
4
HILOAD_x = 1, 0.5 A < Ireg ≤ 1.3A(1).Tj = 150
°C
-4
–
4
HILOAD_x = 1, 1.3 A < Ireg ≤ 2 A(1).Tj = 150
°C
-12
–
12
Current control – Dither parameters
Dth_ampl
Dither Tstep amplitude
Guaranteed by scan
0
–
255*Ireg_res
mA LOAD_SOLx
Dth_num
Dither Tstep number
Guaranteed by scan
0
–
31
step LOAD_SOLx
Tstep
Dither Tstep duration
Guaranteed by scan
TPWM
–
64*TPWM
LOAD_SOLx
Tdither
Dither Period
Guaranteed by scan
2*TPWM
–
4*31*64*TPWM
LOAD_SOLx
Current control – PWM parameters
TPWM_range PWM period range
Guaranteed by scan, nominal system clock
frequency
50
–
20470
µs
LOAD_SOLx
TPWM_res PWM period resolution
TPWM < 100 µs, Guaranteed by scan
4.5
5
5.6
µs
LOAD_SOLx
TPWM_res_2 PWM period resolution
TPWM < 100 µs, Guaranteed by scan
9
10
11.1
µs
LOAD_SOLx
TPWM_min
PWM period meter min
value
–
36.1
40
44.1
µs
LOAD_SOLx
TPWM_max
PWM period meter max
value
–
15.04
16.67
18.38
ms LOAD_SOLx
1. provided configuration parameters and current control settings are able to allow proper regulation.
Table 18. Valve driver on state diagnostics parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
On state diagnostic
I_HS_ovc0
HS overcurrent
OVC_thres_x=0
–
–
-3
A
LOAD_SOLx
I_HS_ovc1
HS overcurrent
OVC_thres_x=1
–
–
-4.5
A
LOAD_SOLx
I_LS_ovc0
LS overcurrent
OVC_thres_x=0
3
–
–
A
LOAD_SOLx
I_LS_ovc1
LS overcurrent
OVC_thres_x=1
4.3
–
–
A
LOAD_SOLx
I_HS_ocv_flt
HS overcurrent filter time
Guaranteed by scan
3
–
5
µs
LOAD_SOLx
I_LS_ocv_flt
LS overcurrent filter time
Guaranteed by scan
3
–
5
µs
LOAD_SOLx
T_SD_accuracy
Temperature ADC accuracy
Design info, not tested
-10
–
10
°C
Tj_SOLx
T_WARN
Temperature warning
–
175
–
185
°C
Tj_SOLx
T_SD
Temperature shut down
–
185
–
200
°C
Tj_SOLx
T_SD_deglitch
Digital deglitch filter time
Guaranteed by scan
7.5
10
12.5
µs
Tj_SOLx
T_WARN_deglitch
Digital deglitch filter time
Guaranteed by scan
7.5
10
12.5
µs
Tj_SOLx
VBATP_ov_th1
VBATP over voltage first threshold
–
27
27.8
29
V
VBATP
VBATP_ov_th1_deglitch VBATP over voltage digital deglitch
Guaranteed by scan
90
–
120
µs
VBATP
L9305
Valve driver electrical specifications
DS12774 - Rev 8
page 33/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com