Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 32Page - STMicroelectronics L9305 Datasheet HTML 33Page - STMicroelectronics L9305 Datasheet HTML 34Page - STMicroelectronics L9305 Datasheet HTML 35Page - STMicroelectronics L9305 Datasheet HTML 36Page - STMicroelectronics L9305 Datasheet HTML 37Page - STMicroelectronics L9305 Datasheet HTML 38Page - STMicroelectronics L9305 Datasheet HTML 39Page - STMicroelectronics L9305 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
•
RUNNING: Fail Safe enabled and running with gate status depending on SPI command register value
The package option codification is stored inside NVM and verified at power up, in case the package option will not
allow for multiple fail safe pre-drivers the unused drivers will be kept disabled.
In case of CRC fault during NVM download the default configuration with only one pre-driver enabled will be
applied.
7.1
Fail safe predriver diagnostic
The Fail Safe pre-driver has a VDS monitoring that is used to protect the external FET in case of short circuit to
ground. Through SPI registers four different VDS thresholds are programmable (FSCONF register, bits D[1:0]).
Once FS_G0 is driven high, after a blanking time (T_FS_VDS_blank) to allow full turn-on of the external FET, the
device starts monitoring the falling differential voltage between FS_D0 and FS_S0: if the differential voltage does
not drop below the VDS voltage threshold within the over-current filter time (T_FS_VDS_flt), the device disables
the Fail Safe pre-driver and sets the VDS fault flag in the SERVFLT1 register, bit D[10].
The fault SPI bit is latched until read; once the fault condition disappears to re-enable the Fail Safe pre-driver, the
fault has to be cleared and the enable bit must be set again via SPI. The Fail Safe operation is inhibited until the
fault register is cleared.
7.2
Fail safe predriver electrical characteristics
4.75≤ VDD ≤ 5.5; 5.5 V ≤ VBATP ≤ 19 V; VBATP - 1 V ≤ FS_Dx ≤ VBATP+1 V; -40 °C ≤ Tj ≤ 175 °C unless
otherwise noticed. All voltages refer to AGND pin.
Table 21. Fail safe predriver electrical parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
FS_ON
External FET gate driving for
ON state
FS_G – FS_S
7
–
10
V
FS_Gx,
FS_Sx
FS_OFF
External FET gate driving for
OFF state
FS_G – FS_S
–
1
V
FS_Gx,
FS_Sx
FS_Isource
FS current source capability
FS_G = 0 V
0.5
1
1.5
mA
FS_Gx
FS_Isink
FS current sink capability
FS_G = VBATP
3
5
7
mA
FS_Gx
FS_S_Ibias_IDLE
FS_S bias current from CP
supply in IDLE state
Fail safe Pre-driver enabled, CMD off,
FS_Dx = VBATP = 13V, VDD = 5V
-450 -400 -200
µA
FS_Sx
FS_S_Ibias_RUNNING
FS_S bias current from CP
supply in RUNNING state
Fail safe Pre-driver enabled, CMD on, VDD
= 5 V, FS_Dx = VBATP = 13 V
-300 -200 -100
µA
FS_Sx
FS_D_Ileak_dis
FS_D leakage current with
device in IDLE state
Fail safe Pre-driver disabled, FS_Dx =
VBATP = 13 V, FS_Sx = open, VDD = 0 V
-1
–
1
µA
FS_Dx
FS_Dx_Rpd
FS_Dx resistor toward FS_Sx
pin for VDS threshold
generation
Fail safe Pre-driver disabled, FS_Dx =
VBATP = 13 V, FS_Sx = 0 V, VDD = 0V
50
140
250
kΩ
FS_Dx,
FSx
FS_D_Ileak_idle
FS_D leakage current in IDLE
mode
Fail safe Pre-driver disabled, CMD on,
FS_Dx = VBATP = 13 V, VDD = 5 V
250
370
500
µA
FS_Dx
FS_D_Ileak_en_on
FS_D leakage current in ON
state
Fail safe Pre-driver enabled, CMD on,
FS_Dx = VBATP = 13 V, VDD = 5 V
140
250
340
µA
FS_Dx
FS_D_Ileak_en_on
FS_D leakage current in ON
state
Fail safe Pre-driver enabled, CMD off, FS_D
= VBATP = 13 V, VDD = 5 V
250
360
550
µA
FS_Dx
FS_VDS_00
VDS_threshold_0
FS_PREDRIVER_TH = 00
0.15 0.25 0.35
V
FS_Dx,
FS_Sx
FS_VDS_01
VDS_threshold_1
FS_PREDRIVER_TH = 01
0.4
0.5
0.6
V
FS_Dx,
FS_Sx
FS_VDS_10
VDS_threshold_2
FS_PREDRIVER_TH = 10
0.65 0.75 0.85
V
FS_Dx,
FS_Sx
L9305
Fail safe predriver diagnostic
DS12774 - Rev 8
page 36/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com