Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 37Page - STMicroelectronics L9305 Datasheet HTML 38Page - STMicroelectronics L9305 Datasheet HTML 39Page - STMicroelectronics L9305 Datasheet HTML 40Page - STMicroelectronics L9305 Datasheet HTML 41Page - STMicroelectronics L9305 Datasheet HTML 42Page - STMicroelectronics L9305 Datasheet HTML 43Page - STMicroelectronics L9305 Datasheet HTML 44Page - STMicroelectronics L9305 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
As stated previously, a fault will disable the associated channel and it must be re-enabled by the user. Solenoid
ground loss faults do not disable fail safe and are cleared on SPI read.
8.1.6
Power supply monitoring and diagnostics electrical characteristics
4.75 V ≤ VDD ≤ 5.5 V; 5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noted. All voltages refer to
GNDA pin.
Table 29. Power supply monitoring electrical performance
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VDD_UV
VDD under voltage detection
–
3.6
–
3.9
V
VDD
VDD_UV_hyst
VDD under voltage
hysteresis
–
VDD_UV+0.1
–
VDD_UV+0.5
V
VDD
VDD_UV_deglitch
Digital filter time
Guaranteed by scan
9
–
12
µs
VDD
VDD_OV
VDD over voltage detection
–
5.5
–
7
V
VDD
VDD_OV_hyst
VDD over voltage hysteresis
–
VDD_OV-0.1
–
VDD_OV-0.5
V
VDD
VDD_OV_deglitch
Digital filter time
Guaranteed by scan
90
–
120
µs
VDD
VBATP_OV(1)
VBATP over voltage
detection
–
36
–
–
V
VBATP
VBATP_OV_hyst
VBATP over voltage
hysteresis
–
VBATP_OV-1
–
VBATP_OV-3
V
VBATP
VBATP_OV_deglitch
Digital filter time
Guaranteed by scan
90
–
120
µs
VBATP
CP_UV
Charge Pump under voltage
detection
–
VBATP+5
–
–
V
CP
CP_UV_deglitch
Charge Pump Under Voltage
Filter time
Guaranteed by scan
9
–
12
µs
CP
V3V3A_uv
Internal Analog supply under
voltage monitor
Design info, not tested
2.6
–
–
V
V3V3A
V3V3A_uv_hys
Internal Analog supply under
voltage hysteresis
–
V3V3A_uv +0.1
–
V3V3A_uv +0.5
V
V3V3A
V3V3A_ov
Internal Analog supply over
voltage monitor
Design info, not tested
3.6
–
4.6
V
V3V3A
V3V3A_ov_hys
Internal Analog supply over
voltage hysteresis
–
V3V3A_ov -0.1
–
V3V3A_ov -0.5
V
V3V3A
V3V3D_uv
Internal Digital supply under
voltage monitor
Design info, not tested
2.6
–
–
V
V3V3D
V3V3D_uv_hys
Internal Digital supply under
voltage hysteresis
–
V3V3D_uv +0.1
–
V3V3D_uv +0.5
V
V3V3D
V3V3D_ov
Internal Digital supply over
voltage monitor
Design info, not tested
3.6
–
4.6
V
V3V3D
V3V3D_ov_hys
Internal Digital supply over
voltage hysteresis
–
V3V3D_ov -0.1
–
V3V3D_ov -0.5
V
V3V3D
GNDA_lost
Analog ground lost detection
Design info, not tested
0.1
–
0.6
V
GNDA
GNDA_lost_deglitch
GNDA deglitch
Guaranteed by scan
14
–
22
µs
GNDA
GNDD_lost
Digital ground lost detection
Design info, not tested
0.1
–
0.6
V
GNDD
GNDD_lost_deglitch
GNDD deglitch
Guaranteed by scan
14
–
22
µs
GNDD
GND_SOLx_lost
Power ground lost detection
Design info, not tested
0.3
–
1
V
GND_SOLx
GND_SOLx_lost_deglitch Power ground deglitch
Guaranteed by scan
35
–
50
µs
GND_SOLx
1. LS clamp circuitry automatically disabled, see Section 6.4.3
L9305
Power supply monitoring and diagnostics
DS12774 - Rev 8
page 41/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com