Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS548C26 Datasheet(PDF) 37 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 31Page - Texas Instruments TPS548C26 Datasheet HTML 32Page - Texas Instruments TPS548C26 Datasheet HTML 33Page - Texas Instruments TPS548C26 Datasheet HTML 34Page - Texas Instruments TPS548C26 Datasheet HTML 35Page - Texas Instruments TPS548C26 Datasheet HTML 36Page - Texas Instruments TPS548C26 Datasheet HTML 37Page - Texas Instruments TPS548C26 Datasheet HTML 38Page - Texas Instruments TPS548C26 Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
EXAMPLE BOARD LAYOUT
4226301/D 11/2022
www.ti.com
WQFN-FCRLF - 0.7 mm max height
RXX0037A
PLASTIC QUAD FLAT PACK- NO LEAD
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 15X
SOLDER MASK DETAILS
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
METAL
SOLDER MASK
OPENING
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
EXPOSED METAL
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
(R 0.05) TYP
32X (0.5)
1
(0.05) MIN
ALL AROUND
TYP
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
2X (3.5)
0.000 PKG ℄
(2.34)
(3.2)
(1.483)
(0.15)
2X (0.767)
(1.839)
(2.089)
(0.306)
(0.938)
(0.325)
(2.25)
(2.9)
2X (4.5)
37X (0.25)
(0.45)
18X (0.6)
(2.8)
(2.6)
10X (R0.1)
6
10
11
19
25
28
29
36
37
18
7
20
24
(1.938)
(0.363)
2X (0.672)
(0.626)
(0.625)
(Ø0.2) TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com