Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS548C26 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 6Page - Texas Instruments TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments TPS548C26 Datasheet HTML 10Page - Texas Instruments TPS548C26 Datasheet HTML 11Page - Texas Instruments TPS548C26 Datasheet HTML 12Page - Texas Instruments TPS548C26 Datasheet HTML 13Page - Texas Instruments TPS548C26 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
6.6 Typical Characteristics
Load Current (A)
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VCC = Internal LDO
VOUT = 1.1 V
MODE = FCCM
Figure 6-1. Efficiency vs Output Current
Load Current (A)
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VCC = Internal LDO
VOUT = 1.1 V
MODE = FCCM
Figure 6-2. Power Dissipation vs Output Current
Load Current (A)
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VCC = External 5 V Bias VOUT = 1.1 V
MODE = FCCM
Figure 6-3. Efficiency vs Output Current
Load Current (A)
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VCC = External 5 V Bias VOUT = 1.1 V
MODE = FCCM
Figure 6-4. Power Dissipation vs Output Current
Load Current (A)
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VCC = External 5 V Bias VOUT = 1.1 V
MODE = DCM
Figure 6-5. Efficiency vs Output Current
Load Current (A)
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VCC = External 5 V Bias VOUT = 1.1 V
MODE = DCM
Figure 6-6. Power Dissipation vs Output Current
TPS548C26
SLVSGM2 – MARCH 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com