Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS548C26 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 13Page - Texas Instruments TPS548C26 Datasheet HTML 14Page - Texas Instruments TPS548C26 Datasheet HTML 15Page - Texas Instruments TPS548C26 Datasheet HTML 16Page - Texas Instruments TPS548C26 Datasheet HTML 17Page - Texas Instruments TPS548C26 Datasheet HTML 18Page - Texas Instruments TPS548C26 Datasheet HTML 19Page - Texas Instruments TPS548C26 Datasheet HTML 20Page - Texas Instruments TPS548C26 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
The resistor, RILIM, connected from the ILIM pin to AGND sets the overcurrent limit threshold (see the following
table). TI recommends ±1% tolerance resistors with a typical temperature coefficient of ±100 ppm/°C.
Table 7-3. ILIM Pin Strap for Overcurrent Limit Threshold
ILIM Pin to AGND Resistor (kΩ)
OCL Threshold (Valley Current Detection)
7.5
12 A
12.1
19 A
16.2
26 A
21.5
33 A
24.9
39 A
Note
The pin strap detection happens at the first stage of power-up sequence. After the detection finishes,
the detection results are latched in and do not change during the following operation. If a new
selection is desired, toggling VCC (or AVIN) is required. Toggling the EN pin does not affect the pin
strap detection results.
7.3.10 Negative Overcurrent Limit
The TPS548C26 device is a synchronous buck converter, thus the current can flow from the device to the load
or from the load into the device through SW node. When the current is flowing from the device SW node to the
load the device is said to be sourcing current and the output current declared to be positive. When the current
is flowing into the device SW node from the load, the device is said to be sinking current and the current is
declared to be negative.
The device offers a fixed, cycle-by-cycle negative overcurrent (NOC) limit which is set to −16 A. Similar with the
positive overcurrent limit, the inductor current is monitored during the low-side FET on period. To prevent too
large negative current and a damage of low-side FET, the device turns off the low-side FET after the detected
negative current through the low-side FET exceeds the NOC limit. And then the high-side FET is turned on for
an on-time determined by PVIN, VOUT, and fSW setting. After the high-side FET on-time expires, the low-side
FET turns on again.
The device is unlikely to trigger the −16-A negative current limit during the nominal operation unless too small
inductor value is chosen or the inductor becomes saturated. This NOC operation feature is used to discharge
output capacitors during an overvoltage event.
7.3.11 Zero-Crossing Detection
TPS548C26 device implements an internal circuit for the zero inductor-current detection during skip-mode
operation. The fixed Z-C detection threshold is set to a slightly positive value such as 300 mA to compensate the
delay time of the Z-C detection circuit and avoid too-late detection. Depending on the inductor value, frequency,
VIN and Vout conditions, this can result diode conduction for a short period.
7.3.12 Input Overvoltage Protection
The TPS548C26 device actively monitors the PVIN input voltage. When the PVIN voltage level is above the
input overvoltage threshold, TPS548C26 device stops switching and pulls PG signal low. The PVIN OV rising
threshold is typically 18.6 V while the PVIN OV falling threshold is typically 13.4 V.
After the PVIN overvoltage fault is triggered, the device latches off both the high-side and low-side FETs until the
EN pin is toggled or PVIN is reset.
7.3.13 Output Undervoltage and Overvoltage Protection
The TPS548C26 device monitors the FB node voltage (VFB − VGOSNS) to provide overvoltage (OV) and
undervoltage (UV) protection.
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com