Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS548C26 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments TPS548C26 Datasheet HTML 10Page - Texas Instruments TPS548C26 Datasheet HTML 11Page - Texas Instruments TPS548C26 Datasheet HTML 12Page - Texas Instruments TPS548C26 Datasheet HTML 13Page - Texas Instruments TPS548C26 Datasheet HTML 14Page - Texas Instruments TPS548C26 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
7 Detailed Description
7.1 Overview
The TPS548C26 device is highly integrated buck converter. The device uses D-CAP+ control topology for
fast transient response, and accurate load and line regulation. The device is well-suited for space-constrained
applications such as data center applications, hardware accelerator, server and cloud computing POLs. The
device is easy to use and requires only few external components.
The TPS548C26 has low RDSON and supported external 5-V bias to provide high efficiency up to 35 A of
continuous current operation. the device has true differential remote sense through VOSNS and GOSNS pins,
and an accurate ±1%, with 0.8-V reference over the full operating junction temperature range. The device
uses selectable pin strap internal loop compensation. There is no external compensation required. The device
provides flexibility to select skip-mode or FCCM operation and programmable soft-start time. The device support
overcurrent, overvoltage, undervoltage, and overtemperature protections TPS548C26 is a lead-free device. The
device is fully RoHS compliant without exemption.
7.2 Functional Block Diagram
Low-side current sense
Integration
Loop Compensation
Driver Logic,
Anti-cross-
conduction,
BOOT-SW
UVLO
BOOT switch
Current Sense
gain
VIsns
VCC LDO
Ramp
Generator
BOOT
PVIN
SW
PGND
VDRV
VDRV
Valley current limit
Negative OC
Zero-cross detection
Control logic
Adaptive
On-time
Generator
Isense
+
–
+
PWM
Isense
Vramp
VCOMP
PWM
+
–
FB
GOSNS
VOUT OV/UV
Detection
On-die
Temperature sense
OT Fault
VDIFF
VOSNS
Pin Strap,
Housekeeping,
and
Memory
VCC
AGND
DVDD LDO
AGND
NC 33
EN_PWM
EN_PWM
EN
NC 34
NC 35
SS
ILIM
MODE
PG
VCC
DNC
NC
VDRV
AVIN
PHASE
OVF/UVF
OVF/UVF
PG
7.3 Feature Description
7.3.1 Internal VCC LDO and Using an External Bias on VCC and VDRV Pin
The TPS548C26 device has an internal 4.5-V LDO featuring input from the AVIN pin and output to the VCC pin.
When the AVIN voltage rises, the internal LDO is enabled automatically and starts regulating the LDO output
voltage on the VCC pin. The VCC voltage provides the bias voltage for the internal analog circuitry on the
controller side, and the VDRV voltage provides the supply voltage for the power stage side.
Either the VCC or VDRV pin must be bypassed with a 2.2 μF, at least 6.3-V rating ceramic capacitor. Connecting
the VCC pin decoupling capacitor to AGND is required to provide a clean ground for the analog circuitry on the
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com