Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24M02
Description  2-Mbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02 Datasheet(HTML) 1 Page - STMicroelectronics

  M24M02 Datasheet HTML 1Page - STMicroelectronics M24M02 Datasheet HTML 2Page - STMicroelectronics M24M02 Datasheet HTML 3Page - STMicroelectronics M24M02 Datasheet HTML 4Page - STMicroelectronics M24M02 Datasheet HTML 5Page - STMicroelectronics M24M02 Datasheet HTML 6Page - STMicroelectronics M24M02 Datasheet HTML 7Page - STMicroelectronics M24M02 Datasheet HTML 8Page - STMicroelectronics M24M02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Features
•
Compatible with following I2C bus modes:
–
1 MHz
–
400 kHz
–
100 kHz
•
Memory array:
–
2 Mbit (256 Kbyte) of EEPROM
–
Page size: 256 byte
–
Additional write lockable page (M24M02-DR order codes)
•
Single supply voltage:
–
1.8 V to 5.5 V over –40 °C / +85 °C
•
Write time:
–
Byte write within 10 ms
–
Page write within 10 ms
•
Random and sequential read modes
•
Write protect of the whole memory array
•
Enhanced ESD/latch-Up protection
•
More than 4 million write cycles
•
More than 200-years data retention
•
Packages:
–
SO8N ECOPACK2
–
WLCSP ECOPACK2
–
Unsawn wafer (each die is tested)
–
RoHS compliant and halogen-free (ECOPACK2)
SO8N (MN)
150 mil width
WLSCP
Unsawn wafer
Product status link
M24M02-DR
M24M02-R
2-Mbit serial I²C bus EEPROM
M24M02-DR M24M02-R
Datasheet
DS7025 - Rev 11 - October 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M24M02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24M02-A125 STMICROELECTRONICS-M24M02-A125 Datasheet
568Kb / 38P
Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
08-Sep-2015
M24M02-BRCS6TG STMICROELECTRONICS-M24M02-BRCS6TG Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRCS6TP STMICROELECTRONICS-M24M02-BRCS6TP Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRMN6TG STMICROELECTRONICS-M24M02-BRMN6TG Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRMN6TP STMICROELECTRONICS-M24M02-BRMN6TP Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
More results

Similar Description - M24M02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA128 MICROCHIP-24AA128 Datasheet
185Kb / 12P
128K I 2 C ??CMOS Serial EEPROM
1998
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
4K 5.0V I 2 C ??Serial EEPROM
2004
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
M24M02-DR STMICROELECTRONICS-M24M02-DR Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M95M02-A125 STMICROELECTRONICS-M95M02-A125 Datasheet
712Kb / 39P
Automotive 2 Mbit serial SPI bus EEPROM
July 2015 Rev 5
M95M02-DR STMICROELECTRONICS-M95M02-DR Datasheet
804Kb / 45P
2-Mbit serial SPI bus EEPROM
June 2015 Rev 10
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24M01-R STMICROELECTRONICS-M24M01-R_V01 Datasheet
832Kb / 47P
1-Mbit serial I²C bus EEPROM
23-Oct-2017
M95M02-DR STMICROELECTRONICS-M95M02-DR_V01 Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com