Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24M02
Description  2-Mbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24M02 Datasheet HTML 29Page - STMicroelectronics M24M02 Datasheet HTML 30Page - STMicroelectronics M24M02 Datasheet HTML 31Page - STMicroelectronics M24M02 Datasheet HTML 32Page - STMicroelectronics M24M02 Datasheet HTML 33Page - STMicroelectronics M24M02 Datasheet HTML 34Page - STMicroelectronics M24M02 Datasheet HTML 35Page - STMicroelectronics M24M02 Datasheet HTML 36Page - STMicroelectronics M24M02 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Table 18. Ordering information scheme (unsawn wafer)
Example:
M24
M02 -
D
R
K
W
20
I
/90
Device type
M24 = I2C serial access EEPROM
Device function
M02 = 2 Mbit (256 K x 8 bit)
Device family
D = With identification page
Blank = Without Identification page
Operating voltage
R = VCC = 1.8 V to 5.5 V
Process
K = F8H
Delivery form
W =Unsawn wafer
Wafer thickness
20 = Non-backlapped wafer
Wafer testing
I = Inkless test
Device grade
90 = -40°C to 85°C
Note:
For all information concerning the M24M02 delivered in unsawn wafer, please contact your nearest ST Sales
Office.
Note:
Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting from
such use. In no event will ST be liable for the customer using any of these engineering samples in production.
ST’s Quality department must be contacted prior to any decision to use these engineering samples to run a
qualification activity.
M24M02-DR M24M02-R
Ordering information
DS7025 - Rev 11
page 33/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com