Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02 Datasheet(PDF) 34 Page - STMicroelectronics

Part # M24M02
Description  2-Mbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M24M02 Datasheet HTML 30Page - STMicroelectronics M24M02 Datasheet HTML 31Page - STMicroelectronics M24M02 Datasheet HTML 32Page - STMicroelectronics M24M02 Datasheet HTML 33Page - STMicroelectronics M24M02 Datasheet HTML 34Page - STMicroelectronics M24M02 Datasheet HTML 35Page - STMicroelectronics M24M02 Datasheet HTML 36Page - STMicroelectronics M24M02 Datasheet HTML 37Page - STMicroelectronics M24M02 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Revision history
Table 19. Document revision history
Date
Revision
Changes
22-Dec-2010
1
Initial release.
09-Feb-2011
2
Updated:
•
Section 3.18:Read Identification Page
•
Section 3.19: Read thelock status
•
Figure 2: SO8 connections
•
Table 6: Absolute maximum ratings
•
Table 10: Input parameters
•
Table 11: DCcharacteristics
•
Table 12: AC characteristics at 400 kHz
•
Table 13: 1 MHz AC characteristics
Deleted:
•
Table 15: Available M24M02-xproducts(package, voltage range, frequency, temperature
grade)
09-Aug-2011
3
Updated Figure 5: MaximumRbus value versusbusparasitic capacitance (Cbus) for an I2C bus at
maximum frequency fC = 1 MHz and Table 11: DCcharacteristics.
07-Feb-2012
4
Updated:
•
Table 2: Device select code
•
Table 3: Most significant address byte
•
Table 4: Leastsignificant address byte.
•
Section 3.6: Write operations
•
Section 3.8: Page Write
25-Oct-2012
5
Updated document template and text (minor changes).
Cycling updated to 4 million cycles and data retention updated to 200 years.
Added WLCSP packages.
04-Jun-2013
6
Document reformatted.
Removed information related to thin WLCSP package. Updated:
•
WLCSP package silhouette on cover page
•
Section 1: Description
•
Figure 25: WLCSP connections
•
Note (1) under Table 14: Absolute maximum ratings.
Added Figure 57: WLCSP- 8-bump, 3.556 x 2.011 mm, wafer level chip scale package
recommended footprint
23-May-2014
7
removed note on page 7, Updated Table 5: Device select code, updated section numbering for
Section 5.2.4 and Section 5.2.6, updated note 1 on Table 30: Memory cell data retention, updated
Figure 57: WLCSP- 8-bump, 3.556 x2.011 mm, wafer level chip scale package recommended
footprint.
27-Jul-2015
8
Updated:
•
Figure 3 with note 1.
•
Table 2
•
Section 9.1: SO8N package information and Section 9.2: WLCSP package information
02-Mar-2017
9
Updated:
•
Figure 18: WLCSP-8-bump, 3.556 x 2.011 mm, wafer levelchip scale package recommended
footprint
Added:
•
Unsawn wafer on cover page
•
Table 18: Ordering information scheme (unsawn wafer)
M24M02-DR M24M02-R
DS7025 - Rev 11
page 34/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com