Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24M02
Description  2-Mbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24M02 Datasheet HTML 12Page - STMicroelectronics M24M02 Datasheet HTML 13Page - STMicroelectronics M24M02 Datasheet HTML 14Page - STMicroelectronics M24M02 Datasheet HTML 15Page - STMicroelectronics M24M02 Datasheet HTML 16Page - STMicroelectronics M24M02 Datasheet HTML 17Page - STMicroelectronics M24M02 Datasheet HTML 18Page - STMicroelectronics M24M02 Datasheet HTML 19Page - STMicroelectronics M24M02 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
5.2.1
Random address read
A dummy write is first performed to load the address into this address counter (as shown in Figure 10) but without
sending a stop condition. Then, the bus master sends another start condition, and repeats the device select code,
with the RW bit set to 1. The device acknowledges this, and outputs the contents of the addressed byte. The bus
master must not acknowledge the byte, and terminates the transfer with a stop condition.
5.2.2
Current address read
For the current address read operation, following a start condition, the bus master only sends a device select
code with the RW bit set to 1. The device acknowledges this, and outputs the byte addressed by the internal
address counter. The counter is then incremented. The bus master terminates the transfer with a stop condition,
as shown in Figure 10, without acknowledging the byte.
Note that the address counter value is defined by instructions accessing either the memory or the identification
page. When accessing the Identification page, the address counter value is loaded with the byte location in the
identification page, therefore the next current address read in the memory uses this new address counter value.
When accessing the memory, it is safer to always use the random address read instruction (this instruction loads
the address counter with the byte location to read in the memory, see Section 5.2.1 Random address read)
instead of the current address Read instruction.
5.2.3
Sequential read
This operation can be used after a current address read or a random address read. The bus master does
acknowledge the data byte output, and sends additional clock pulses so that the device continues to output the
next byte in sequence. To terminate the stream of bytes, the bus master must not acknowledge the last byte, and
must generate a Stop condition, as shown in Figure 10.
The output data comes from consecutive addresses, with the internal address counter automatically incremented
after each byte output. After the last memory address, the address counter “rolls-over”, and the device continues
to output data from memory address 00h.
5.2.4
Read identification page (M24M02-DR only)
The identification page (256 bytes) is an additional page which can be written and (later) permanently locked in
Read-only mode.
The identification page can be read by issuing an read identification page instruction. This instruction uses the
same protocol and format as the random address read (from memory array) with device type identifier defined as
1011b. The MSB address bits A17/A8 are don't care, the LSB address bits A7/A0 define the byte address inside
the identification page. The number of bytes to read in the ID page must not exceed the page boundary (e.g.:
when reading the identification page from location 100d, the number of bytes should be less than or equal to 156,
as the ID page boundary is 256 bytes).
M24M02-DR M24M02-R
Read operations
DS7025 - Rev 11
page 16/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com