Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M02 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24M02
Description  2-Mbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24M02 Datasheet HTML 19Page - STMicroelectronics M24M02 Datasheet HTML 20Page - STMicroelectronics M24M02 Datasheet HTML 21Page - STMicroelectronics M24M02 Datasheet HTML 22Page - STMicroelectronics M24M02 Datasheet HTML 23Page - STMicroelectronics M24M02 Datasheet HTML 24Page - STMicroelectronics M24M02 Datasheet HTML 25Page - STMicroelectronics M24M02 Datasheet HTML 26Page - STMicroelectronics M24M02 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Table 13. 400 kHz AC characteristics
Symbol
Alt.
Parameter(1)
Min.
Max.
Unit
fC
fSCL
Clock frequency
-
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
-
ns
tCLCH
tLOW
Clock pulse width low
1300
-
ns
tQL1QL2(2)
tF
SDA (out) fall time
20(3)
120
ns
tXH1XH2
tR
Input signal rise time
(4)
(4)
ns
tXL1XL2
tF
Input signal fall time
(4)
(4)
ns
tDXCH
tSU:DAT Data in set up time
100
-
ns
tCLDX
tHD:DAT Data in hold time
0
-
ns
tCLQX(5)
tDH
Data out hold time
100
-
ns
tCLQV(6)
tAA
Clock low to next data valid (access time)
100
900
ns
tCHDL
tSU:STA
Start condition setup time
600
-
ns
tDLCL
tHD:STA Start condition hold time
600
-
ns
tCHDH
tSU:STO Stop condition set up time
600
-
ns
tDHDL
tBUF
Time between Stop condition and next Start condition
1300
-
ns
tWLDL(2)(7)
tSU:WC
WC set up time (before the Start condition)
0
-
µs
tDHWH(2)(8)
tHD:WC
WC hold time (after the Stop condition)
1
-
µs
tW
tWR
Write time
-
10
ms
tNS(2)
-
Pulse width ignored (input filter on SCL and SDA) - single glitch
-
80
ns
1. Test conditions (in addition to those specified under Table 7 and Table 8).
2. Evaluated by characterization - Not tested in production.
3. With CL = 10 pF.
4. There is no min. or max. values for the input signal rise and fall times. It is however recommended by the I²C specification
that the input signal rise and fall times be more than 20 ns and less than 300 ns when fC < 400 kHz.
5. The min value for tCLQX (Data out hold time) of the M24xxx devices offers a safe timing to bridge the undefined region of the
falling edge SCL.
6. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3 VCC or 0.7 VCC, assuming
that Rbus × Cbus time constant is within the values specified in Figure 12.
7. WC=0 set up time condition to enable the execution of a WRITE command.
8. WC=0 hold time condition to enable the execution of a WRITE command.
M24M02-DR M24M02-R
DC and AC parameters
DS7025 - Rev 11
page 23/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com