Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC020 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC020
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC020 Datasheet HTML 3Page - National Semiconductor (TI) CLC020 Datasheet HTML 4Page - National Semiconductor (TI) CLC020 Datasheet HTML 5Page - National Semiconductor (TI) CLC020 Datasheet HTML 6Page - National Semiconductor (TI) CLC020 Datasheet HTML 7Page - National Semiconductor (TI) CLC020 Datasheet HTML 8Page - National Semiconductor (TI) CLC020 Datasheet HTML 9Page - National Semiconductor (TI) CLC020 Datasheet HTML 10Page - National Semiconductor (TI) CLC020 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Device Operation (Continued)
BUILT-IN SELF-TEST (BIST)
The CLC020 has a built-in self-test (BIST) function. The
BIST performs a comprehensive go-no-go test of the device.
The test uses either a full-field color bar for NTSC or a PLL
pathological for PAL as the test data pattern. Data is input
internally to the input data register, processed through the
device and tested for errors. Table 1 gives device pin func-
tions and Table 2 gives the test pattern codes used for this
function. The signal level at Test_Output, pin 26, indicates a
pass or fail condition.
The BIST is initiated by applying the code for the desired
BIST to D0 throught D3 (D9 through D4 are 00h) and a
27 MHz clock at the P
CLK input. Since all parallel data inputs
are equipped with an internal pull-down device, only those
inputs D0 through D3 which require a logic-1 need be pulled
high. After the Lock_Detect output goes high (true) indicating
the VCO is locked on frequency, TPG_Enable, pin 17, is then
taken to a logic high. TPG_Enable may be temporarily con-
nected to the Lock_Detect output to automate BIST opera-
tion. Test_Output, pin 26, is monitored for a pass/fail indica-
tion. If no errors have been detected, this output will go to a
logic high level approximately 2 field intervals after
TPG_Enable is taken high. If errors have been detected in
the internal circuitry of the CLC020, Test_Output will remain
low until the test is terminated. The BIST is terminated by
taking TPG_Enable to a logic low. Continuous serial data
output is available during the test.
TEST PATTERN GENERATOR
The CLC020 features an on-board test pattern generator
(TPG). Four full-field component video test patterns for both
NTSC and PAL standards, and 4x3 and 16x9 raster sizes are
produced. The test patterns are: flat-field black, PLL patho-
logical, equalizer (EQ) pathological and a modified 75%,
8-color vertical bar pattern. The pathologicals follow recom-
mendations contained in SMPTE RP 178–1996 regarding
the test data used. The color bar pattern does not incorpo-
rate bandwidth limiting coding in the chroma and luma data
when transitioning between the bars. For this reason, it may
not be suitable for use as a visual test pattern or for input to
video D-to-A conversion devices unless measures are taken
to restrict the production of out-of-band frequency compo-
nents.
The TPG is operated by applying the code for the desired
test pattern to D0 through D3 (D4 through D9 are 00h). Since
all parallel data inputs are equipped with an internal pull-
down device, only those inputs D0 through D3 which require
a logic-1 need be pulled high. Next, apply a 27 or 36 MHz
signal, appropriate to the raster size desired, at the P
CLK
input and wait until the Lock_Detect output goes true indi-
cating the VCO is locked on-frequency. Then, take
TPG_Enable, pin 17, to a logic high. The serial test pattern
data appears on the SDO outputs. TPG_Enable may be
temporarily connected to the Lock_Detect output to auto-
mate TPG operation. The TPG mode is exited by taking
TPG_Enable to a logic low. Table 1 gives device pin func-
tions for this mode. Table 2 gives the available test patterns
and selection codes.
10091706
FIGURE 5. Built-In Self-Test Control Sequence
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com