Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC020 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC020
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC020 Datasheet HTML 1Page - National Semiconductor (TI) CLC020 Datasheet HTML 2Page - National Semiconductor (TI) CLC020 Datasheet HTML 3Page - National Semiconductor (TI) CLC020 Datasheet HTML 4Page - National Semiconductor (TI) CLC020 Datasheet HTML 5Page - National Semiconductor (TI) CLC020 Datasheet HTML 6Page - National Semiconductor (TI) CLC020 Datasheet HTML 7Page - National Semiconductor (TI) CLC020 Datasheet HTML 8Page - National Semiconductor (TI) CLC020 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CLC020
SMPTE 259M Digital Video Serializer with Integrated
Cable Driver
General Description
The CLC020 SMPTE 259M Digital Video Serializer with
Integrated Cable Driver is a monolithic integrated circuit that
encodes, serializes and transmits bit-parallel digital data
conforming to SMPTE 125M and SMPTE 267M component
video and SMPTE 244M composite video standards. The
CLC020 can also serialize other 8 or 10-bit parallel data. The
CLC020 operates at data rates from below 100 Mbps to over
400 Mbps. The serial data clock frequency is internally gen-
erated and requires no external frequency setting compo-
nents, trimming or filtering*. Functions performed by the
CLC020 include: parallel-to-serial data conversion, data en-
coding using the polynomial (X
9+X4+1), data format conver-
sion from NRZ to NRZI, parallel data clock frequency multi-
plication and encoding with the serial data, and coaxial cable
driving. Input for sync (TRS) detection disabling and a PLL
lock detect output are provided. The CLC020 has an exclu-
sive built-in self-test (BIST) and video test pattern generator
(TPG) with 4 component video test patterns, reference
black, PLL and EQ pathologicals and modified colour bars, in
4:3 and 16:9 raster and both NTSC and PAL formats*.
Separate power pins for the output driver, VCO and the
digital logic improve power supply rejection, output jitter and
noise performance.
The CLC020 is the ideal complement to the CLC011B
SMPTE 259M Serial Digital Video Decoder, CLC014 Active
Cable Equalizer, CLC016 Data Retiming PLL (clock-data
separator), CLC018 8X8 Digital Crosspoint Switch and
CLC006 or CLC007 Cable Drivers, for a complete parallel-
serial-parallel, high-speed data processing and transmission
system.
The CLC020 is powered from a single 5V supply. Power
dissipation is typically 235 mW including two 75
Ω back-
matched output loads. The device is packaged in a JEDEC
28-lead PLCC.
Features
n
SMPTE 259M serial digital video standard compliant
n
No external serial data rate setting or VCO filtering
components required*
n
Built-in self-test (BIST) and video test pattern generator
(TPG) with 16 internal patterns*
n
Supports all NTSC and PAL standard component and
composite serial video data rates
n
HCMOS/TTL-compatible data and control inputs and
outputs
n
75
Ω ECL-compatible, differential, serial cable-driver
outputs
n
Fast VCO lock time: <75 µs
n
Single +5V TTL or −5V ECL supply operation
n
Low power: 235 mW typical
n
28-lead PLCC package
n
Commercial temperature range 0˚C to +70˚C
Applications
n
SMPTE 259M parallel-to-serial digital video interfaces
for:
— Video cameras
— VTRs
— Telecines
— Video test pattern generators and digital video test
equipment
n
Non-SMPTE video applications
n
Other high data rate parallel/serial video and data
systems
* Patents applications made or pending.
Typical Application
10091712
July 2003
© 2003 National Semiconductor Corporation
DS100917
www.national.com


Similar Part No. - CLC020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
CITIZEN ELECTRONICS CO....
CLC020-057A5 CITIZEN-CLC020-057A5 Datasheet
834Kb / 16P
This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5.
CLC020-057A5-273H3D2-18 CITIZEN-CLC020-057A5-273H3D2-18 Datasheet
834Kb / 16P
This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5.
logo
Texas Instruments
CLC020BCQ/NOPB TI1-CLC020BCQ/NOPB Datasheet
753Kb / 20P
CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
More results

Similar Description - CLC020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
LMH0001 TI1-LMH0001_14 Datasheet
727Kb / 11P
SMPTE 259M / 344M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com