Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JB2GRS/H Datasheet(PDF) 15 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 11Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 12Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 13Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 14Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 15Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 16Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 17Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 18Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
REV 1.1
1-3
1.3
MCU STRUCTURE
Figure 1-1 shows the block diagram of the MC68HC705JB2.
Figure 1-1. MC68HC705JB2 Block Diagram
128 Bytes RAM
2048 Bytes EPROM
Low Speed
USB
16-bit Timer
Core
TImer
OSC
÷2
RESET
and
IRQ
LVR
VREF
POWER
SUPPLY
CPU CONTROL
ALU
68HC05 CPU
ACCUM
INDEX REG.
CPU REGISTERS
PROGRAM COUNTER
COND CODE REG.
0
0
0
0
000
11 STK PNTR
0
111H I N Z C
PA0x
PA1x
PA2x
PA3x
PA4y
PA5y
PA6y
PA7y
PB0
PB1Ž
PB2Ž
VDD
VSS
3.3V
RESET
IRQ
TCAP
D+
D–
OSC1
OSC2
y: 8 mA current sink capability
Ž: 25 mA current sink, open-drained
x: External edge interrupt capability,
with internal pullup, slow transition O/P
: TCAP is shared with PB0
with Schmitt trigger input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com