Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JB2GRS/H Datasheet(PDF) 18 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 14Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 15Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 16Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 17Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 18Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 19Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 20Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 21Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
GENERAL DESCRIPTION
MC68HC705JB2
1-6
REV 1.1
components should be mounted as close as possible to the pins for start-up
stabilization and to minimize output distortion. An internal start-up resistor of 2M
Ω
(typical) is provided between OSC1 and OSC2 for the ceramic resonator type
oscillator.
1.4.2.3
External Clock
An external clock from another CMOS-compatible device can be connected to the
OSC1 input, with the OSC2 input not connected, as shown in Figure 1-3(b).
1.4.3 RESET
This is an I/O pin. This pin can be used as an input to reset the MCU to a known
start-up state by pulling it to the low state. The RESET pin contains a steering
diode to discharge any voltage on the pin to VDD, when the power is removed. An
internal pull-up is also connected between this pin and VDD. The RESET pin
contains an internal Schmitt trigger to improve its noise immunity as an input. This
pin is an output pin if LVR triggers an internal reset.
1.4.4 IRQ/VPP
This input pin drives the asynchronous IRQ interrupt function of the CPU. The IRQ
interrupt function has a mask option to provide either only negative edge-sensitive
triggering or both negative edge-sensitive and low level-sensitive triggering. If the
option is selected to include level-sensitive triggering, the IRQ input requires an
external resistor to VDD for "wired-OR" operation, if desired. The IRQ pin contains
an internal Schmitt trigger as part of its input to improve noise immunity.
NOTE
Each of the PA0 thru PA3 I/O pins may be connected as an OR
function with the IRQ interrupt function by a mask option. This
capability allows keyboard scan applications where the transitions or
levels on the I/O pins will behave the same as the IRQ pin, except
for the inverted phase. The edge or level sensitivity selected by a
separate mask option for the IRQ pin also applies to the I/O pins
OR’ed to create the IRQ signal.
In Bootloader mode, this pin (VPP) is used to supply the required programming
voltage to the EPROM array.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com