Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JB2GRS/H Datasheet(PDF) 95 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 91Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 92Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 93Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 94Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 95Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 96Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 97Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 98Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-27
10.6
USB INTERRUPTS
The USB module is capable of generating interrupts and causing the CPU to
execute the USB interrupt service routine. There are three types of USB
interrupts:
•
End of Transaction interrupts signify a completed transaction (receive or
transmit)
•
Resume interrupts signify that the USB bus is reactivated after having
been suspended
•
End of Packet interrupts signify that a low speed end of packet signal
was detected
All USB interrupts share the same interrupt vector. Firmware is responsible for
determining which interrupt is active.
10.6.1 USB End of Transaction Interrupt
There are three possible end of transaction interrupts: Endpoint 0 Receive,
Endpoint 0 Transmit, and a shared Endpoint 1 or Endpoint 2 Transmit. End of
transaction interrupts occur as detailed in the following sections.
10.6.1.1 Receive Control Endpoint 0
For a Control OUT transaction directed at Endpoint 0, the USB module will
generate an interrupt by setting the RXD0F flag in the UIR0 register. The
conditions necessary for the interrupt to occur are shown in the flowchart of
Figure 10-29.
SETUP transactions cannot be stalled by the USB function. A SETUP received by
a control endpoint will clear the STALL0 bit if it is set. The conditions for receiving
a SETUP interrupt are shown in Figure 10-30.
10.6.1.2 Transmit Control Endpoint 0
For a Control IN transaction directed at Endpoint 0, the USB module will generate
an interrupt by setting the TXD0F flag in the UIR0 register. The conditions
necessary for the interrupt to occur are shown in the flowchart of Figure 10-31.
10.6.1.3 Transmit Endpoint 1 and Transmit Endpoint 2
Transmit Endpoints 1 & 2 share their interrupt flag. For an IN transaction directed
at Endpoint 1 or 2, the USB module will generate an interrupt by setting the
TXD1F flag in the UIR1 register. The conditions necessary for the interrupt to
occur are shown in the flowchart of Figure 10-32.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com