Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JB2GRS/H Datasheet(PDF) 53 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 49Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 50Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 51Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 52Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 53Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 54Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 55Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 56Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
INPUT/OUTPUT PORTS
REV 1.1
7-7
7.3.4 I/O Pin Transitions
A "glitch" can be generated on an I/O pin when changing it from an input to an
output unless the data register is first preconditioned to the desired state before
changing the corresponding DDR bit from a zero to a one.
If pulldowns are enabled by mask option, a floating input can be avoided by
clearing the pulldown/pullup register bit before changing the corresponding DDR
from a one to a zero. This will insure that the pulldown device will be activated
before the I/O pin changes from a driven output to a pulled low/high input.
7.3.5 I/O Pin Truth Tables
Every pin on Port A and Port B may be programmed as an input or an output
under software control as shown in Table 7-1 and Table 7-2. All port I/O pins may
also have software programmable pulldown/pullup devices if selected by the
appropriate mask option.
Table 7-1. Port A I/O Pin Functions
Table 7-2. Port B I/O Pin Functions
Accesses to
PDURA
at $0010
Accesses to
Data Register
@ $0000
0
1
IN, Hi-Z
OUT
PDURA0-7
PDURA0-7
DDRA0-7
DDRA0-7
I/O Pin
PA0-7
*
PA0-7
U
U
I/O Pin Mode
DDRA
Read/Write
Accesses
to DDRA
@ $0004
Read
Write
NOTE:
U is undefined.
Read
Write
* Does not affect input,
but stored to data register
Accesses to
PDURB
at $0011
Accesses to
Data Register
@ $0001
0
1
IN, Hi-Z
OUT
PDURB0-2
PDURB0-2
DDRB0-2
DDRB0-2
I/O Pin
PB0-2
*
PB0-2
U
U
I/O Pin Mode
DDRA
Read/Write
Accesses
to DDRB
@ $0005
Read
Write
Read
Write
* Does not affect input,
but stored to data register
NOTE:
U is undefined.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com