Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JB2GRS/H Datasheet(PDF) 55 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 51Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 52Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 53Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 54Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 55Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 56Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 57Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 58Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
MULTI-FUNCTION TIMER
REV 1.1
8-1
SECTION 8
MULTI-FUNCTION TIMER
The MC68HC705JB2 core timer is a multi-function ripple counter. The features
include Timer Over Flow (TOF) and Power-On Reset (POR).
Figure 8-1. Multi-Function Timer Block Diagram
As shown in Figure 8-1, the Timer is driven by the timer clock, NTF1, divided by
four (
÷4). NTF1 has the same phase and frequency as the processor bus clock,
PH2, but is not stopped by the WAIT Modes. This signal drives an 8-bit ripple
counter. The value of this 8-bit ripple counter can be read by the CPU at any time
by accessing the Timer Counter Register (TCNT) at address $09. A timer overflow
RTI Select Circuit
Overflow
Circuit
Detect
88
fOP÷2
2
÷210
Internal
Timer Clock
(NTF1)
TOF
RTIF
TOFE
RTIE
RT1
RT0
RTIFR
TOFR
Timer Control & Status Register ($08)
Timer Counter Register ($09)
Interrupt Circuit
7-bit counter
MCU Internal Bus
To CPU interrupt
÷214
÷215
÷217 ÷216
÷4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com