Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JB2GRS/H Datasheet(PDF) 102 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 98Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 99Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 100Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 101Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 102Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 103Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 104Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 105Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
EPROM
MC68HC705JB2
11-2
REV 1.1
11.3
EPROM PROGRAMMING
Programming the on-chip EPROM is achieved by using the Program Control
Register located at address $3E.
Please contact Motorola for programming board availability.
11.3.1 EPROM Program Control Register (PCR)
This register is provided for programming the on-chip EPROM.
MORON – Mask Option Register ON
0 =
Disable programming to Mask Option Register ($01FF)
1 =
Enable programming to Mask Option Register ($01FF)
ELAT – EPROM LATch control
0 =
EPROM address and data bus configured for normal reads
1 =
EPROM address and data bus configured for programming (writes
to EPROM cause address and data to be latched). EPROM is in
programming mode and cannot be read if ELAT is 1. This bit should
not be set when no programming voltage is applied to the Vpp pin.
PGM – EPROM ProGraM command
0 =
Programming power is switched OFF from EPROM array.
1 =
Programming power is switched ON to EPROM array. If ELAT
≠ 1,
then PGM = 0.
11.3.2 Programming Sequence
The EPROM programming sequence is:
1.
Set the ELAT bit
2.
Write the data to the address to be programmed
3.
Set the PGM bit
4.
Delay for a time tPGMR
5.
Clear the PGM bit
6.
Clear the ELAT bit
The last two steps must be performed with separate CPU writes.
PCR
$003E
bit-7
bit-6
bit-5
bit4
bit-3
bit-2
bit1
bit-0
Read
RESERVED
MORON
ELAT
PGM
Write
Reset
0000
0
000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com