Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JB2GRS/H Datasheet(PDF) 114 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 110Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 111Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 112Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 113Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 114Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 115Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 116Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 117Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
INSTRUCTION SET
MC68HC705JB2
12-10
REV 1.1
BSET
n opr
Set Bit n
Mn
← 1
—————
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
BSR
rel
Branch to
Subroutine
PC
← (PC) + 2; push (PCL)
SP
← (SP) – 1; push (PCH)
SP
← (SP) – 1
PC
← (PC) + rel
—————
REL
AD
rr
6
CLC
Clear Carry Bit
C
← 0
———— 0
INH
98
2
CLI
Clear Interrupt Mask
I
← 0
— 0 — — —
INH
9A
2
CLR
opr
CLRA
CLRX
CLR
opr,X
CLR ,X
Clear Byte
M
← $00
A
← $00
X
← $00
M
← $00
M
← $00
—— 0 1 —
DIR
INH
INH
IX1
IX
3F
4F
5F
6F
7F
dd
ff
5
3
3
6
5
CMP #
opr
CMP
opr
CMP
opr
CMP
opr,X
CMP
opr,X
CMP ,X
Compare
Accumulator with
Memory Byte
(A) – (M)
— — ¤¤¤
IMM
DIR
EXT
IX2
IX1
IX
A1
B1
C1
D1
E1
F1
ii
dd
hh ll
ee ff
ff
2
3
4
5
4
3
COM
opr
COMA
COMX
COM
opr,X
COM ,X
Complement Byte
(One’s Complement)
M
← ( ) = $FF – (M)
A
← ( ) = $FF – (M)
X
← ( ) = $FF – (M)
M
← ( ) = $FF – (M)
M
← ( ) = $FF – (M)
—— ¤¤
1
DIR
INH
INH
IX1
IX
33
43
53
63
73
dd
ff
5
3
3
6
5
CPX #
opr
CPX
opr
CPX
opr
CPX
opr,X
CPX
opr,X
CPX ,X
Compare Index
Register with
Memory Byte
(X) – (M)
— — ¤¤¤
IMM
DIR
EXT
IX2
IX1
IX
A3
B3
C3
D3
E3
F3
ii
dd
hh ll
ee ff
ff
2
3
4
5
4
3
DEC
opr
DECA
DECX
DEC
opr,X
DEC ,X
Decrement Byte
M
← (M) – 1
A
← (A) – 1
X
← (X) – 1
M
← (M) – 1
M
← (M) – 1
—— ¤¤ —
DIR
INH
INH
IX1
IX
3A
4A
5A
6A
7A
dd
ff
5
3
3
6
5
EOR #
opr
EOR
opr
EOR
opr
EOR
opr,X
EOR
opr,X
EOR ,X
EXCLUSIVE OR
Accumulator with
Memory Byte
A
← (A) ⊕ (M)
— — ¤¤ —
IMM
DIR
EXT
IX2
IX1
IX
A8
B8
C8
D8
E8
F8
ii
dd
hh ll
ee ff
ff
2
3
4
5
4
3
Table 12-6. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
H I NZC
M
A
X
M
M
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com