Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705V8GRS/D Datasheet(PDF) 159 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 159 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 155Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 156Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 157Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 158Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 159Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 160Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 161Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 163Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 172 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 148
MC68HC705V8 Specification Rev. 2.1
17.6
A/D CONVERTER CHARACTERISTICS
(VCCA = 5.0 Vdc ±10%, VSSA1 = 0 Vdc, TA = -40°C to +85°C, unless otherwise noted)
*T
AD
= t
CYC
if clock source equals MCU.
Comments
Unit
Max
Min
Characteristic
Bits
8
8
Resolution
Absolute Accuracy
LSB
±1 1/2
—
(V
REFL
= 0 V, V
REFH
= V
DD
)
Conversion Range
V
V
REFL
V
REFH
A/D accuracy may decrease
proportionately as V
REFH
is
reduced below 4.0
V
DD
V
REFL
-0.1
V
REFH
V
V
V
REFL
V
REFH
µs
100
—
Power-up Time
Input Leakage
µA
—
PD0-PD7, PE0-PE7
±1
V
REFL
,V
REFH
—
±1
µA
Conversion Time
T
AD
*
32
32
(Includes Sampling Time)
Inherent (Within Total Error)
Monotonicity
Hex
01
00
Zero Input Reading
V
IN
= 0V
Hex
FF
FE
Full-scale Reading
V
IN
= V
REFH
T
AD
*
12
12
Sample Time
pF
8
—
Input Capacitance
V
V
REFH
V
REFL
Analog Input Voltage
Including quantization
µs
100
A/D On Current Stabilization Time (t
ADON
)
µs
5
RC Ocillator Stabilization Time (t
RCON
)
Not Tested
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com