Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705V8GRS/D Datasheet(PDF) 163 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 163 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 159Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 160Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 161Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 163Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 164Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 165Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 166Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 167Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 172 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 152
MC68HC705V8 Specification Rev. 2.1
17.10
SPI TIMING
SERIAL PERIPHERAL INTERFACE (SPI) TIMING
(VDD = 5.0 Vdc ±10%, VSS = 0 Vdc, TA = TL to TH)
* Signal production depends on software.
** Assumes 200 pF load on all SPI pins.
Num
Characteristic
Symbol
Min
Max
Unit
Operating Frequency
Master
Slave
f
OP
(M)
f
OP
(S)
dc
dc
0.5
4.2
fop
MHz
1
Cycle Time
Master
Slave
t
CYC
(M)
tcyc(s)
2.0
240
—
—
tcyc
ns
2
Enable Lead Time
Master
Slave
t
LEAD
(M)
t
LEAD
(S)
*
240
—
—
ns
ns
3
Enable Lag Time
Master
Slave
t
LAG
(M)
t
LAG
(S)
*
240
—
—
ns
ns
4
Clock (SCK) High Time
Master
Slave
t
W
(SCKH)M
t
W
(SCKH)S
340
190
—
—
ns
ns
5
Clock (SCK) Low Time
Master
Slave
t
W
(SCKL)M
t
W
(SCKL)M
340
190
—
—
ns
ns
6
Data Setup Time (Inputs)
Master
Slave
t
SU
(M)
t
SU
(S)
100
100
—
—
ns
ns
7
Data Hold Time (Inputs)
Master
Slave
t
H
(M)
t
H
(S)
100
100
—
—
ns
ns
8
Access Time (Time to Data Active from High-
Impedance State)
Slave
t
A
0
120
ns
9
Disable Time (Hold Time to High-Impedance State)
Slave
t
DIS
—
240
ns
10
Data Valid (After Enable Edge)**
t
V
(S)
—
240
ns
11
Data Hold Time (Output) (After Enable Edge)
t
HO
0—
ns
12
Rise Time (20% VDD to 70% VDD, CL =200 pF)
SPI Outputs (SCK, MOSI, and MISO)
SPI Inputs (SCK, MOSI, MISO, and SS)
t
RM
t
RS
—
—
100
2.0
ns
us
13
Fall Time (70% VDD to 20% VDD, CL =200 pF)
SPI Outputs (SCK, MOSI, and MISO)
SPI Inputs (SCK, MOSI, MISO, and SS)
t
FM
t
FS
—
—
100
2.0
ns
us
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com