Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705V8GRS/D Datasheet(PDF) 166 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 166 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 163Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 164Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 165Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 166Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 167Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 168Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 169Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 170Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 172 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 155
MC68HC705V8 Specification Rev. 2.1
17.11
MDLC ELECTRICAL SPECIFICATIONS
17.11.1
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to VSSA2 unless otherwise indicated.)
17.11.2
OPERATING CONDITIONS
(Voltages referenced to VSSA)
17.11.3
TRANSMITTER D.C. ELECTRICAL CHARACTERISTICS
(Total network Bus to Vssa2 resistance = 245Ω to 15kΩ,
(VBATT = 9 to 16V, VCC = 5.0 V ±5%, VSSA = 0 V, TA = -40°C to +85°C, unless otherwise noted)
Rating
Symbol
Min.
Typ.
Max.
Unit
Battery Voltage (VBATT)
VBATT
-0.3
12.0
16.0
V
Reference Supply Voltage (VCC)
VCCA
-0.3
5.0
7.0
V
Bus Voltage (BUS)
VBUS
-2.0
0 to 7.0
18.0
V
Transient Voltage (VBATT, BUS, TBD max. time)
VTRAN
-2.0
—
+24.0
V
Bus Voltage with respect to VBATT
VBUS
--
--
10.0
V
Rating
Symbol
Min.
Typ.
Max.
Unit
Battery Voltage (VBATT) for proper MDLC operation
VBATT
9.0
12.0
16.0
V
Battery Supply Current (Run)
IBATT
—
5
50
mA
Battery Supply Current (Stop)
IBATT
—
5
50
µA
Reference Supply Voltage (VCC)
VCCA
4.75
5.00
5.25
V
Reference Supply Current (Run)
ICCA
—
0.5
2
mA
Reference Supply Current (Stop)
ICCA
—
40
50
µA
Characteristic
Symbol
Min.
Max.
Unit
Output High Voltage (BUS)
VOH
6.25
8.0
V
Output Low Voltage (BUS)
VOL
0
1.5
V
Output Current (BUS, Loss of VBATT or VSSA, VOUT= 0V, VIN = 0 to 8V)
IOUT
—
±1
mA
Output Current (BUS, Tx = passive, V
IN = 12V)
IOUT
—
-200
mA
Output Current (BUS, Tx = active, V
IN = 0V)
IOUT
—
200
mA
Low voltage inhibit of transmitter for VBATT
VTIVB
6.0
7.5
V
Low voltage inhibit of transmitter for VDD
VRIVD
4.5
4.75
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com