Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705V8GRS/D Datasheet(PDF) 170 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 170 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 164Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 165Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 166Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 167Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 168Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 169Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 170Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 171Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 172Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 170 / 172 page
background image
SECTION 18: 705V8 BEHAVIOR DURING EMULATION
Page 159
MC68HC705V8 Specification Rev. 2.1
SECTION 18
705V8 BEHAVIOR DURING EMULATION
This section covers the functions of the MCU that behave differently during emulation using
either the 705V8/05V7 EVS or MMDS emulation systems. Since the 705V8/05V7 device
itself is used in the emulator system and operates in TEST mode, some extra software
operations must be performed to make the device behave as it will in the users application
(USER mode). The circuits that require special treatment are described in the sections that
follow.
18.1
COP
A value of $04 should be written to location $003F to enable the COP circuitry. The COP
circuit is defaulted off to allow ease of factory testing. It should be noted that enabling the
COP with this bit will enable the COP regardless of the state of the COPEN bit in the MOR
register.
18.2
MDLC
The MDLC requires bit 2 and 3 to be set in the MDLC Control Register ($0E) to allow normal
operation of the MDLC. If these two bits are not set during emulation the MDLC will not
transmit or receive.
18.3
REGULATOR
The voltage regulator should not be enabled in the device used in the top board of the
emulator system. This may result in a supply voltage contention and may overheat and
damage the emulator system.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com