Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LEDXXXFB Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 40Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 41Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 42Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 43Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 44Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 45Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 46Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 47Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
44 of 200
Jun 30, 2020
1.6 Outline of Functions
[20-pin, 24-pin, 25-pin, 30-pin, 32-pin, 36-pin products]
Caution
This outline describes the functions at the time when Peripheral I/O redirection register (PIOR) is set
to 00H.
(1/2)
Item
20-pin
24-pin
25-pin
30-pin
32-pin
36-pin
Code flash memory (KB)
16 to 64
16 to 64
16 to 64
16 to 128
16 to 128
16 to 128
Data flash memory (KB)
4
–
4
–
4
–
4 to 8
–
4 to 8
–
4 to 8
–
RAM (KB)
2 to 4Note1
2 to 4Note1
2 to 4Note1
2 to 12Note1
2 to 12Note1
2 to 12Note1
Address space
1 MB
Main system
clock
High-speed system
clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
HS (High-speed main) mode: 1 to 20 MHz (VDD = 2.7 to 5.5 V),
HS (High-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (Low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
High-speed on-chip
oscillator
HS (High-speed main) mode: 1 to 32 MHz (VDD = 2.7 to 5.5 V),
HS (High-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (Low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
Subsystem clock
–
Low-speed on-chip oscillator
15 kHz (TYP.)
General-purpose registers
(8-bit register × 8) × 4 banks
Minimum instruction execution time
0.03125 µs (High-speed on-chip oscillator: fIH = 32 MHz operation)
0.05 µs (High-speed system clock: fMX = 20 MHz operation)
Instruction set
● Data transfer (8/16 bits)
● Adder and subtractor/logical operation (8/16 bits)
● Multiplication (8 bits × 8 bits)
● Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
16
20
21
26
28
32
CMOS I/O
13
(N-ch O.D. I/O
[VDD withstand
voltage]: 5)
15
(N-ch O.D. I/O
[VDD withstand
voltage]: 6)
15
(N-ch O.D. I/O
[VDD withstand
voltage]: 6)
21
(N-ch O.D. I/O
[VDD withstand
voltage]: 9)
22
(N-ch O.D. I/O
[VDD withstand
voltage]: 9)
26
(N-ch O.D. I/O
[VDD withstand
voltage]: 10)
CMOS input
3
3
3
3
3
3
CMOS output
–
–
1
–
–
–
N-ch O.D. I/O
(withstand voltage: 6 V)
–
2
2
2
3
3
Timer
16-bit timer
8 channels
Watchdog timer
1 channel
Real-time clock (RTC)
1 channel Note 2
12-bit interval timer (IT)
1 channel
Timer output
3 channels
(PWM outputs:
2 Note 3)
4 channels
(PWM outputs: 3 Note 3)
4 channels (PWM outputs: 3 Note 3),
8 channels (PWM outputs: 7 Note 3) Note 4
RTC output
–
Notes 1.
The flash library uses RAM in self-programming and rewriting of the data flash memory.
The target products and start address of the RAM areas used by the flash library are shown below.
R5F100xD, R5F101xD (x = 6 to 8, A to C): Start address FF300H
R5F100xE, R5F101xE (x = 6 to 8, A to C):
Start address FEF00H
For the RAM areas used by the flash library, see Self RAM list of Flash Self-Programming Library for
RL78 Family (R20UT2944).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com